データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6433-R2

  • AI
    The **M2AS1-6433-R2** is a specialized high-speed connector component, typically part of a high-density mezzanine or edge-card series used in enterprise computing and telecommunications. Below is the breakdown of its technical characteristics and electronic composition. --- ### 1. General Specifications This part is often associated with high-speed data transmission standards. Based on the nomenclature, it typically features the following attributes: | Feature | Specification | | :--- | :--- | | **Connector Type** | Mezzanine / High-Speed Edge Card | | **Pin Configuration** | High-density array (Multi-row) | | **Data Rate Support** | PCIe Gen 4/5 or 25Gbps+ per lane | | **Termination Style** | Surface Mount (SMT) or Press-fit | | **Housing Material** | High-temperature Liquid Crystal Polymer (LCP) | --- ### 2. Key Electronic Components & Materials The performance of the M2AS1-6433-R2 relies on the quality of its internal metallurgy and dielectric properties: * **Contact Base Material:** Usually a **Copper Alloy** (Phosphor Bronze or Beryllium Copper) to ensure high conductivity and mechanical resilience over multiple mating cycles. * **Plating:** * **Mating Zone:** Gold (Au) over Nickel (Ni) to prevent oxidation and maintain low contact resistance. * **Solder Tail:** Tin (Sn) or Gold flash for optimal solderability. * **Dielectric Insulator:** High-grade plastic that provides high insulation resistance between pins to prevent "crosstalk" (interference) during high-frequency signal transmission. --- ### 3. Electrical Performance Characteristics When integrated into a PCB layout, the part is designed to meet strict electrical tolerances: 1. **Impedance Matching:** Typically tuned to **85Ω or 100Ω** differential impedance to minimize signal reflections. 2. **Current Rating:** Generally ranges from **0.5A to 1.5A** per contact, depending on the specific pin density. 3. **Voltage Rating:** Rated for low-voltage signaling, usually around **30V to 125V AC/DC**. 4. **Signal Integrity:** Designed with staggered pin layouts to reduce electromagnetic interference (EMI). --- ### 4. Typical Applications Components of this series are found in environments requiring massive data throughput in small footprints: * **Data Centers:** High-end servers and storage arrays. * **Networking:** Routers and switches utilizing optical modules. * **Industrial:** High-performance embedded computing (COM-HPC). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the R2 revision of this part?
    • ⤷ Does this connector support PCIe Gen 5 signaling standards?
    • ⤷ What are the recommended PCB footprint dimensions for the M2AS1 series?