データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6434-R2

  • AI
    The **M2AS1-6434-R2** is a specialized high-density, multi-pin connector typically used in advanced computing, telecommunications, and high-speed data transmission applications. These connectors are often associated with proprietary or industry-standard mezzanine architectures. ### 1. Technical Specifications Overview Below is a breakdown of the typical characteristics for this class of electronic part: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Mezzanine Connector (Plug/Header) | | **Number of Positions** | Variable (often 200+ pins depending on series) | | **Pitch** | 0.5mm to 1.0mm (High density) | | **Orientation** | Vertical / Straight | | **Mounting Type** | Surface Mount (SMT) | | **Plating** | Gold over Nickel (for signal integrity) | | **Application** | Board-to-Board (BtB) Interconnect | --- ### 2. Key Electronic Features #### A. Signal Integrity (SI) These connectors are engineered to handle high-speed differential pairs. The "R2" suffix often denotes a specific revision or RoHS 2 compliance, ensuring low crosstalk and high bandwidth for protocols like PCIe, SATA, or Ethernet. #### B. Mechanical Robustness * **Alignment Fins:** Usually equipped with polarization posts to prevent incorrect mating. * **Wiping Action:** Designed with a specific contact wipe length to ensure a clean electrical connection even in environments with slight vibration. #### C. Power and Grounding In high-speed designs, these parts often utilize a "grid" or "array" pattern where specific pins are dedicated to grounding (GND) to shield high-speed signal lines from electromagnetic interference (EMI). --- ### 3. Common Use Cases 1. **Server Blades:** Connecting daughtercards to a motherboard or backplane. 2. **Embedded Systems:** Linking System-on-Modules (SoM) to carrier boards. 3. **Network Switches:** High-bandwidth data routing between internal PCB layers. --- ### 4. Installation and Handling * **Solder Paste:** Requires precise stencil thickness (usually 0.1mm - 0.15mm) due to the fine pitch. * **Inspection:** Because the pins are densely packed and often under the body of the connector, **Automated Optical Inspection (AOI)** or **X-Ray inspection** is recommended to verify solder joints.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the R2 revision of this connector?
    • ⤷ Is this part compatible with lead-free reflow soldering profiles?
    • ⤷ What are the recommended footprint dimensions for the PCB layout?