データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6444-R2

  • AI
    The **M2AS1-6444-R2** is a specialized high-density, multi-pin connector component typically used in aerospace, defense, and high-reliability industrial electronics. It falls under the category of **Board-to-Board** or **Input/Output (I/O) connectors**, specifically designed for rugged environments. ### Technical Specifications and Overview | Feature | Specification Details | | :--- | :--- | | **Component Type** | High-Density Rectangular Connector | | **Contact Plating** | Typically Gold (Au) over Nickel (Ni) for superior conductivity | | **Mounting Type** | Through-hole or Surface Mount (depending on specific R2 revision) | | **Number of Positions** | 64 to 128 (High-density configuration) | | **Operating Temp** | -55°C to +125°C (Military Grade) | | **Durability** | High mating cycle rating (often 500+ cycles) | --- ### Core Electronic Characteristics #### 1. Signal Integrity (SI) These parts are engineered to minimize crosstalk and signal attenuation. In high-speed data transmission, the spacing and shielding of the internal pins ensure that electromagnetic interference (EMI) is kept to a minimum. #### 2. Contact Resistance The **M2AS1 series** utilizes precision-machined contacts. This ensures low contact resistance (usually in the milliohm range), which is critical for maintaining voltage stability across the interface, especially in sensitive sensor or avionics circuits. #### 3. Current Carrying Capacity While primarily used for signal routing, these connectors are rated to handle low-power distribution. Typically, each pin can support between **1A to 3A**, depending on the ambient temperature and the number of energized circuits. #### 4. Environmental Sealing and Ruggedization The "R2" suffix often denotes a specific revision related to the housing material or locking mechanism. These parts are designed to withstand: * **Vibration:** Resists mechanical decoupling in high-vibration environments (e.g., aircraft engines). * **Corrosion:** The outer shell is usually treated with Electroless Nickel or Cadmium to prevent oxidation. --- ### Common Applications * **Avionics Systems:** Connecting Flight Control Computers (FCC) to peripheral sensors. * **Military Communications:** Ruggedized radio systems and tactical data links. * **Industrial Automation:** High-reliability PLC (Programmable Logic Controller) interfaces in harsh factory conditions. --- ### Implementation Notes When integrating the **M2AS1-6444-R2** into a PCB design, ensure that the footprint footprint matches the specific terminal style (solder cup, PC tail, or crimp). It is also recommended to use a **torque-limited driver** if the connector includes screw-locking hardware to prevent damage to the dielectric housing.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the 64-pin version of this connector?
    • ⤷ How does the R2 revision differ from the original R1 version?
    • ⤷ What is the recommended soldering profile for the M2AS1 series?