データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-6444-R2/CE

  • AI
    Based on the part number **M2AS1-6444-R2/CE**, this component is a high-speed, high-density **Mezzanine Connector** typically manufactured by companies like **Amphenol** or **FCI**. These parts are primarily used in telecommunications, data centers, and industrial computing for board-to-board connectivity. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Mezzanine Connector | Board-to-board high-speed interface. | | **Number of Pins** | 64 | Total contact points (often 4 rows of 16). | | **Pitch** | 1.0mm - 1.27mm | Common spacing for this series. | | **Orientation** | Vertical | Designed for stacking boards parallel to each other. | | **Plating** | Gold (Au) | High conductivity and corrosion resistance. | | **Compliance** | RoHS / CE | Meets environmental and safety standards for the EU. | --- ### 2. Functional Electronic Components Within this connector assembly, several "parts" or design elements ensure electrical integrity: * **Contacts (Pins/Receptacles):** Made of copper alloy. They are precision-engineered to maintain a low contact resistance (typically < 30mΩ). * **Housing (Insulator):** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer). This material prevents electrical arcing between pins and withstands reflow soldering temperatures. * **Solder Tails:** Designed for SMT (Surface Mount Technology) or through-hole mounting to the PCB. * **Alignment Pegs:** Plastic or metal posts that ensure the connector is perfectly centered on the PCB pads before soldering. --- ### 3. Application Use Cases This specific connector is often found in "System-on-Module" (SoM) applications or "Carrier Board" designs. 1. **High-Speed Data:** Capable of handling differential signals for PCIe, SATA, or Ethernet protocols. 2. **Power Distribution:** Some pins can be grouped to carry low-to-medium current to the daughterboard. 3. **Signal Integrity:** The "R2" revision usually indicates an impedance-controlled design (often 100 Ohms) to minimize signal reflection in high-frequency circuits. --- ### 4. Integration Code Example When designing a PCB for this part, the footprint definition in EDA software (like Altium or KiCad) must match the physical dimensions. ```yaml # Component Footprint Metadata (Generic Representation) Part_Number: M2AS1-6444-R2/CE Footprint_Type: SMT Pin_Count: 64 Pin_Pitch: 1.0mm Mounting_Hardware: Alignment_Pegs Solder_Paste_Mask: 0.1mm_Expansion ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate (Gbps) supported by this connector series?
    • ⤷ How does the 'R2' suffix specifically affect the electrical impedance?
    • ⤷ Are there specific mating connectors required for the M2AS1 series?