データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A141-R

  • AI
    The **M2AS1-A141-R** is a specific model of an **SFP (Small Form-factor Pluggable) Optical Transceiver**, typically associated with industrial networking equipment or high-speed data communication systems. These modules are "hot-swappable" input/output devices that plug into a physical port to link the motherboard of a switch or router to a fiber optic or copper network. --- ### 1. Key Technical Specifications Based on standard industrial nomenclature for this part number series, the electronic and optical characteristics are generally as follows: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Form Factor** | SFP | Standard Small Form-factor Pluggable | | **Data Rate** | 1.25 Gbps | Typical for Gigabit Ethernet applications | | **Connector Type** | Dual LC | Standard fiber optic interface | | **Transmission Media** | Multi-Mode Fiber (MMF) | Optimized for short-range distances | | **Wavelength** | 850 nm | Uses VCSEL (Vertical Cavity Surface Emitting Laser) | | **Max Distance** | 550 meters | Maximum reach over OM2/OM3 fiber | | **Supply Voltage** | 3.3V | Standard internal operating voltage | --- ### 2. Internal Electronic Components The internal architecture of the M2AS1-A141-R consists of several critical electronic sub-assemblies: #### A. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains the 850nm laser diode and a driver circuit that converts electrical signals from the host into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a PIN photodiode and a **TIA (Trans-Impedance Amplifier)** to convert incoming light back into electrical current. #### B. The PCBA (Printed Circuit Board Assembly) * **Laser Driver:** Controls the bias and modulation current of the TOSA. * **Limiting Amplifier:** Cleans up the electrical signal received from the ROSA before sending it to the host device. * **EEPROM/MCU:** Stores identification data (vendor name, serial number, part number) and configuration parameters. The "-R" in the suffix often indicates compliance with the **RoHS** (Restriction of Hazardous Substances) directive. #### C. Diagnostic Interface (DDM/DOM) Most modern versions of this module include **Digital Diagnostic Monitoring**. This allows the host system to monitor real-time parameters such as: 1. Supply Voltage 2. Laser Bias Current 3. Transmitted Optical Power 4. Received Optical Power 5. Internal Temperature --- ### 3. Application Use Cases * **Gigabit Ethernet:** Connecting switches and routers in a local area network (LAN). * **Fibre Channel:** Used in Storage Area Networks (SAN). * **Industrial Automation:** Linking PLC systems or industrial PCs over long distances where copper cabling would suffer from electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ Is the M2AS1-A141-R compatible with Cisco or Juniper hardware?
    • ⤷ What is the operating temperature range for the industrial version of this SFP?
    • ⤷ How does 850nm wavelength compare to 1310nm in terms of distance?