データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A213-R2/N

  • AI
    The **M2AS1-A213-R2/N** is a specific part number typically associated with high-performance **Magnetic Encoders** or **Rotary Sensors**, often used in industrial automation, robotics, and medical equipment. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This device is designed to translate angular position into a digital or analog signal using magnetic field sensing technology (typically Hall-effect or Magnetoresistive). | Feature | Specification | |:---|:---| | **Technology** | Magnetic Rotary Sensing | | **Interface** | Typically SSI (Synchronous Serial) or BiSS | | **Supply Voltage** | 5V DC (standard) | | **Output Type** | Absolute Digital Output | | **Environmental Rating** | High resistance to dust, moisture, and vibration | --- ### 2. Core Electronic Components The internal circuitry of this module generally consists of four primary sections: 1. **Sensing Element:** A Hall-effect sensor array or an AMR (Anisotropic Magnetoresistive) bridge that detects the orientation of a diametrically magnetized magnet. 2. **Signal Processing ASIC:** An Application-Specific Integrated Circuit that performs: * **Interpolation:** Increasing resolution by calculating fine angles between sensor poles. * **Calibration:** Compensating for non-linearity or magnetic misalignment. 3. **Communication Interface:** A differential line driver (often RS-422/485) to ensure signal integrity over long cables. 4. **Protection Circuitry:** TVS diodes for ESD protection and reverse polarity protection. --- ### 3. Key Technical Advantages Compared to optical encoders, the electronic design of the M2AS1 series offers specific benefits: * **Contactless Measurement:** No mechanical wear between the magnet and the sensor, leading to a longer MTBF (Mean Time Between Failures). * **High Resolution:** Through electronic interpolation, these sensors can achieve resolutions up to 12-bit to 18-bit per revolution. * **Latency:** Low propagation delay in the electronic signal path, crucial for high-speed motor control loops. --- ### 4. Typical Connection Pinout (General Example) *Note: Always verify with the manufacturer's datasheet as wiring can vary by specific revision.* | Pin | Function | Description | |:---:|:---|:---| | 1 | VCC | Power Supply (Positive) | | 2 | GND | Ground | | 3 | CLK+ | Differential Clock Input (+) | | 4 | CLK- | Differential Clock Input (-) | | 5 | DATA+ | Differential Data Output (+) | | 6 | DATA- | Differential Data Output (-) | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum RPM supported by this encoder model?
    • ⤷ Which specific protocol (SSI or BiSS) does the R2/N suffix indicate?
    • ⤷ Are there specific mounting tolerances for the magnetic actuator?