データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A222-R2

  • AI
    The **M2AS1-A222-R2** is a specific part number typically associated with high-performance networking hardware components, specifically an **Ethernet Transceiver or Controller module** often found in industrial or carrier-grade networking equipment (such as those produced by Caswell or Portwell). --- ### 1. Component Specification Overview The technical breakdown of this electronic part generally follows this profile: | Feature | Specification | | :--- | :--- | | **Component Type** | Network Interface Controller (NIC) Module | | **Interface Type** | PCIe (Peripheral Component Interconnect Express) | | **Controller Chip** | Often based on Intel® Ethernet Controller (e.g., I350 or X550 series) | | **Port Configuration** | Dual-port (2 ports) | | **Connector Type** | SFP+ (Small Form-factor Pluggable) or RJ45 (depending on sub-variant) | | **Data Rate** | 1GbE or 10GbE (Model dependent) | --- ### 2. Key Electronic Sub-systems The board is comprised of several critical electronic sections: #### A. The MAC/PHY Controller The heart of the module is the **Media Access Control (MAC)** and **Physical Layer (PHY)** chip. It handles the data link layer functions, packet filtering, and the electrical signaling required to transmit data over copper or fiber. #### B. Power Management Integrated Circuits (PMICs) Because networking modules operate at high frequencies, they require stable voltage. The board contains: * **Voltage Regulators:** Convert the PCIe 12V/3.3V input to lower voltages (1.0V, 1.8V) for the silicon core. * **Filtering Capacitors:** Surface-mount multi-layer ceramic capacitors (MLCCs) to reduce signal noise. #### C. Magnetics and Signal Conditioning For RJ45 variants, **Isolation Transformers (Magnetics)** are used to provide galvanic isolation between the cable and the internal circuitry, protecting the device from static and surges. #### D. EEPROM/Flash Memory A small non-volatile memory chip stores the **Firmware** and the **MAC Address**. This allows the system BIOS and OS to identify the hardware during the "handshake" phase. --- ### 3. Physical Layout and Form Factor * **PCB Material:** High-frequency FR4 or similar laminate to maintain signal integrity at high speeds. * **Gold Fingers:** The edge connector is plated with hard gold to ensure a durable, low-resistance connection to the motherboard slot. * **Thermal Management:** Often includes a dedicated passive heatsink due to the high thermal output of high-speed Ethernet controllers. --- ### 4. Typical Applications * **Network Appliances:** Firewalls, UTM (Unified Threat Management) devices. * **Industrial PC (IPC):** Providing redundant network paths for factory automation. * **Edge Servers:** Handling high-bandwidth data processing.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for this part number?
    • ⤷ Which Intel controller chip is most commonly used in this module?
    • ⤷ Is this module hot-swappable or does it require a system shutdown?