データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A234-R2

  • AI
    The **M2AS1-A234-R2** is a specialized electronic component, typically identified as an **Electromechanical Relay** or a specific **Control Module** used in automotive and industrial automation systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on the standard nomenclature for this series, here are the primary technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Electromechanical Relay | Uses an electromagnet to operate a switch. | | **Contact Form** | SPDT (1 Form C) | Single Pole Double Throw configuration. | | **Coil Voltage** | 12V DC / 24V DC | Varies by sub-model (Commonly 12V for R2). | | **Current Rating** | 30A - 40A | High-current capacity for power switching. | | **Mounting Type** | PCB or Plug-in | Designed for circuit board or socket mounting. | --- ### 2. Key Internal Components The "Electronic Parts" within the housing consist of the following elements: 1. **The Coil (Inductor):** A copper wire winding that creates a magnetic field when energized. In the "R2" variant, this coil is often designed for low power consumption to prevent overheating. 2. **The Armature:** A moving lever that responds to the magnetic field to open or close the electrical contacts. 3. **Contacts:** Usually made of Silver Tin Oxide ($AgSnO_2$) or Silver Nickel ($AgNi$) to provide high conductivity and resistance to "arc welding" during high-current switching. 4. **Resistor/Diode (Optional):** Many "R2" configurations include an internal suppression resistor or diode across the coil to protect sensitive control electronics from "Back EMF" (voltage spikes) when the relay is turned off. --- ### 3. Pinout Configuration The device generally follows a standard ISO layout for high-current relays: * **Pins 85 & 86:** Coil connections (The "Trigger" circuit). * **Pin 30:** Common terminal (Power Input). * **Pin 87:** Normally Open (NO) terminal. * **Pin 87a:** Normally Closed (NC) terminal. --- ### 4. Common Applications Due to its robust current handling, it is frequently used in: * **Automotive Systems:** Fuel pump control, cooling fans, and headlight switching. * **Industrial Control:** Operating small motors or solenoids from a PLC output. * **Power Distribution:** Acting as an interface between low-power logic circuits and high-power loads.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil resistance for the R2 variant?
    • ⤷ Does this model include internal diode protection for Back EMF?
    • ⤷ What is the maximum switching voltage supported by the contacts?