データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A243-R2SLASHN

  • AI
    The part number **M2AS1-A243-R2/N** typically refers to a specialized **M.2 Solid State Drive (SSD)** or an industrial-grade interface module, often associated with embedded computing solutions (such as those from Advantech or similar industrial hardware providers). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 (Type 2242 or 2280) | | **Interface** | SATA III (6Gb/s) or PCIe NVMe (depending on revision) | | **Capacity** | Often indicates specific NAND density (e.g., 240GB/256GB range) | | **Flash Type** | 3D TLC or pSLC (Industrial Grade) | | **Operating Temp** | Standard (0°C ~ 70°C) or Wide Temp (-40°C ~ 85°C) | ### 2. Key Electronic Components #### A. Flash Controller The "brain" of the device. It manages data placement, error correction (ECC), and wear leveling. Common manufacturers for these controllers include Silicon Motion (SMI), Phison, or Marvell. #### B. NAND Flash Memory The non-volatile storage chips where data is physically kept. * **Structure:** Usually high-density 3D NAND. * **Longevity:** Features sophisticated algorithms to ensure the cells do not wear out prematurely under heavy write loads. #### C. Power Management Circuitry Includes: * **Voltage Regulators:** Converts the 3.3V supplied by the M.2 slot to the specific voltages required by the controller and NAND (often 1.2V or 1.8V). * **Capacitors:** Ensure stable power delivery; some industrial models include "Power Loss Protection" (PLP) capacitors to flush data during sudden power failures. --- ### 3. Part Number Decoder (Typical) While nomenclature varies by manufacturer, the string generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **M2AS1** | M.2 Form Factor, SATA Series 1 | | **A243** | Capacity Indicator (e.g., 240GB class) | | **R2** | Revision 2 (Hardware or Firmware update) | | **SLASHN** | Often denotes specific NAND brand or "Normal" temperature range | --- ### 4. Implementation Example If you are integrating this into a system, the pinout follows the standard M.2 Key (usually B+M Key for SATA): ```markdown Pin Range | Function ----------|---------- 1 - 11 | Ground and Power (3.3V) 12 - 19 | Config Pins (Determine SATA/PCIe) 20 - 75 | Data Differential Pairs and Clock ```
    ✨ Follow-up Questions
    • ⤷ Is this part used for industrial or consumer applications?
    • ⤷ Does this model support Power Loss Protection (PLP)?
    • ⤷ What is the specific MTBF (Mean Time Between Failures) for this series?