データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A322-R2SLASHCE

  • AI
    The part number **M2AS1-A322-R2/CE** typically refers to a specialized industrial component, most commonly identified as a **Limit Switch** or **Safety Switch** manufactured by **Pizzato Elettrica**. --- ## 1. Technical Specifications Table The following table breaks down the core technical parameters of this electronic assembly: | Feature | Specification | | :--- | :--- | | **Component Type** | Snap-action Limit Switch / Safety Switch | | **Contact Block** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Actuator Type** | Roller lever or plunger (depends on suffix configuration) | | **Connection Type** | M12 Connector (integrated) | | **Protection Class** | IP67 (Dust-tight, waterproof) | | **Housing Material** | Technopolymer (Reinforced glass fiber) | | **Certification** | CE, UL, CSA | --- ## 2. Component Breakdown The part number is encoded with specific electronic and mechanical meanings: ### Housing and Structure * **M2 Series:** This designates the physical series of the switch, usually indicating a compact modular design suitable for machinery automation. * **AS1:** Indicates the specific casing style and mounting orientation. ### Contacts and Logic * **A322:** This refers to the **Contact Block**. * **Snap Action:** The switch triggers at a precise point regardless of the actuation speed. * **Configuration:** Typically a 1NO+1NC setup where the NC (Normally Closed) contact is "Positive Opening," making it suitable for safety applications. ### Connection and Compliance * **R2:** This suffix usually identifies the specific wiring or connector layout. In this model, it signifies a **4-pole M12 integrated connector** located at the bottom of the unit. * **CE:** Marks compliance with European Union safety, health, and environmental protection requirements. --- ## 3. Operating Principles 1. **Mechanical Input:** A mechanical force (from a machine arm or door) moves the actuator. 2. **Contact Transfer:** The internal spring mechanism "snaps," causing the NC contact to open and the NO contact to close simultaneously. 3. **Signal Transmission:** The electrical signal is sent through the M12 connector pins to a PLC (Programmable Logic Controller) or a safety relay to stop or start a process. --- ## 4. Pinout Configuration (Standard M12) If using the integrated R2 connector, the typical wiring is: | Pin Number | Contact Type | Function | | :--- | :--- | :--- | | **Pin 1** | NC | Input | | **Pin 2** | NC | Output | | **Pin 3** | NO | Input | | **Pin 4** | NO | Output | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage and current rating for the A322 contact block?
    • ⤷ Does this model support redundant safety circuit wiring?
    • ⤷ What is the mechanical lifespan (number of operations) for the M2 series switches?