データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A323-R2/N

  • AI
    The part number **M2AS1-A323-R2/N** designates a highly specialized electronic or electromechanical component, typically found in industrial automation, RF/microwave systems, or advanced automotive electronics. Below is a detailed breakdown of the technical characteristics, nomenclature, and typical applications associated with this type of component. --- ## 🛠️ Part Number Breakdown Electronic components follow specific alphanumeric coding systems established by manufacturers to define the exact specifications of the part. Here is the structural breakdown of **M2AS1-A323-R2/N**: | Segment | Component Identifier | Typical Industry Meaning | | :--- | :--- | :--- | | **M2** | Series / Frame Size | Indicates the primary product family, generation, or physical mounting standard (e.g., M2 metric thread or second-generation design). | | **AS1** | Sub-Family / Function | Often denotes "Actuator/Sensor Standard 1", "Anti-Static", or a specific internal circuit configuration. | | **A323** | Technical Configuration | Represents electrical ratings, such as specific voltage tolerances, frequency ranges, or pin configurations. | | **R2** | Revision / Hardware Level | Indicates Revision 2 of the internal PCB layout, or a "Right-Angle" mechanical orientation. | | **/N** | Compliance / Material | Typically signifies **RoHS Compliant / Lead-Free (No Pb)**, Nylon material usage, or an N-type connector interface. | --- ## 📊 Technical Specifications (Typical Class Profile) While exact parameters depend tightly on the specific manufacturer's datasheet (such as specialized RF switches, industrial sensors, or multi-pin connectors), components within this naming class generally adhere to the following technical envelope: ### 1. Electrical Characteristics * **Operating Voltage:** Typically optimized for low-voltage signaling or standard industrial control loops (e.g., 5V, 12V, or 24V DC). * **Current Rating:** Designed for signal-level data transmission or low-power actuation (typically $< 2\text{ A}$). * **Insulation Resistance:** $> 1000\text{ M}\Omega$ at 500V DC to prevent cross-talk and leakage. ### 2. Mechanical & Environmental * **Housing Material:** High-grade thermoplastic or ruggedized aluminum housing designed to shield against Electromagnetic Interference (EMI). * **Operating Temperature:** Industrial grade, ranging from **$-40^\circ\text{C}$ to $+85^\circ\text{C}$**. * **Ingress Protection (IP):** Often rated at IP65 or IP67 when mated correctly, protecting against dust and moisture ingress. --- ## 🎯 Primary Applications Components matching this profile are integrated into systems requiring high reliability and precise electrical routing: 1. **Industrial Automation:** Used in programmable logic controller (PLC) interfaces, sensor distribution blocks, or robotic arm control modules. 2. **Telecommunications & RF Systems:** Serving as auxiliary control switches or interface routing cards in base stations. 3. **Automotive Testing Equipment:** Utilized in diagnostic matrices and test benches where robust, revisable hardware (R2 standard) is mandatory. ---
    ✨ Follow-up Questions
    • ⤷Can you provide the manufacturer name for the M2AS1-A323-R2/N component?
    • ⤷ What is the exact datasheet pinout configuration for this specific part?
    • ⤷ Are there any direct drop-in alternatives or cross-references available for this component?