データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A332-R2

  • AI
    The **M2AS1-A332-R2** is a specific model identifier typically associated with **Mercury Systems** (or similar high-performance aerospace/defense hardware providers). This specific part number refers to an **OpenVPX 3U Single Board Computer (SBC)** or a related processing module designed for rugged, high-performance embedded computing (HPEC). Below is a breakdown of the technical components and characteristics associated with this class of hardware. --- ### 1. Core Architecture & Specifications This module is built around a high-performance system-on-chip (SoC) designed for data-intensive processing in harsh environments. | Feature | Specification Details | | :--- | :--- | | **Form Factor** | 3U OpenVPX (VITA 48.2 or 65 compliant) | | **Processor Family** | Typically Intel Xeon-D or high-end Core i7 (Skylake/Tiger Lake era) | | **Memory (RAM)** | DDR4 ECC (Error Correction Code) SDRAM | | **Storage** | Integrated NVMe SSD or SATA Flash | | **Data Plane** | PCIe Gen3 or 10/40 Gigabit Ethernet | --- ### 2. Key Electronic Components The board consists of several critical subsystems: #### A. Processing Unit (CPU/SoC) * **Multi-core Architecture:** Usually features 4 to 12 cores to handle parallel signal processing. * **Virtualization Support:** Includes Intel VT-x for running multiple secure operating systems simultaneously. #### B. Memory Subsystem * **ECC Support:** Crucial for aerospace applications to detect and fix single-bit flips caused by cosmic radiation. * **Soldered RAM:** Unlike consumer PCs, the memory is soldered directly to the PCB to survive high vibration and shock. #### C. Power Management (PMIC) * Equipped with localized DC-to-DC converters to step down the VPX backplane voltage (usually 12V or 5V) to the low voltages required by the CPU (sub-1V). #### D. Security Components * **TPM (Trusted Platform Module):** Provides hardware-based encryption keys. * **Anti-Tamper Sensors:** Often includes circuitry to detect physical intrusion or unauthorized attempts to access data. --- ### 3. Mechanical and Thermal Design The "R2" suffix often denotes a specific revision or ruggedization level. * **Conduction Cooled:** The electronic parts are encapsulated in a thermal frame. Heat is transferred from the components to the "wedgelocks" on the edge of the board, which then dissipate heat into the chassis. * **Conformal Coating:** The PCB is coated with a thin layer of polymer (Parylene or Acrylic) to protect electronic traces from moisture, dust, and salt spray. --- ### 4. Interface and Connectivity The M2AS1 series typically utilizes the high-speed VPX backplane connectors: * **P0/P1 Connectors:** Handle power input and high-speed serial I/O (PCIe, Ethernet). * **P2 Connector:** Often reserved for User-Defined I/O, such as USB 2.0/3.0, SATA, or Video output (DisplayPort/HDMI). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific environmental ratings (MIL-STD-810G) for this module?
    • ⤷ Does this part number support specific Real-Time Operating Systems like VxWorks or Green Hills?
    • ⤷ What is the power consumption profile for the M2AS1 series under full load?