データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A332-R2/N

  • AI
    The **M2AS1-A332-R2/N** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Magnetic Buzzer** or an **Electromagnetic Transducer**. These components are widely used in consumer electronics, automotive alerts, and industrial equipment to provide audible feedback. Below is a breakdown of its technical characteristics and internal parts. --- ### 1. Key Technical Specifications Based on standard naming conventions for this series (often associated with manufacturers like DB Products or similar electronic acoustic specialists): | Parameter | Specification | | :--- | :--- | | **Type** | Magnetic / Electromagnetic Transducer | | **Drive Type** | External Drive (requires an external oscillator) | | **Rated Voltage** | 3.0V - 3.6V (Typical) | | **Operating Voltage** | 2.0V ~ 5.0V | | **Rated Current** | Max 100mA (at rated voltage) | | **Resonant Frequency** | 2,700 Hz ~ 3,200 Hz | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Internal Electronic Construction An electromagnetic transducer like the M2AS1-A332-R2/N consists of several precision-engineered parts: * **Permanent Magnet:** Provides a static magnetic field. * **Electromagnetic Coil:** A copper wire winding that, when energized with an AC signal or pulsed DC, creates a fluctuating magnetic field. * **Vibrating Diaphragm:** A thin metal plate (usually iron or a magnetic alloy) that reacts to the magnetic field. * **Housing (Case):** Made of High-Temperature Plastic (LCP or PPS) to withstand **Reflow Soldering** temperatures. * **Contact Terminals:** Gold-plated or tin-plated pads for soldering onto a PCB. --- ### 3. Functional Principle Unlike a "piezo" buzzer (which uses crystals), this magnetic part operates via **Electromagnetism**: 1. An oscillating electrical signal is applied to the **Coil**. 2. The coil generates a varying magnetic field that interacts with the **Permanent Magnet**. 3. This interaction causes the **Diaphragm** to move back and forth rapidly. 4. The movement of the diaphragm displaces air, creating the **Sound Waves**. --- ### 4. Implementation Circuitry Because this is an **External Drive** component, it does not have an internal oscillating circuit. You must provide a square wave at the resonant frequency using a microcontroller or a 555 timer. ```cpp // Example: Arduino pseudocode for 2700Hz tone int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2700); // Send 2.7kHz square wave delay(500); noTone(buzzerPin); delay(500); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this magnetic transducer and a piezo buzzer?
    • ⤷ What are the recommended reflow soldering profiles for this SMD component?
    • ⤷ How do I calculate the power consumption for this part at 3.3V?