データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A342-R2/N

  • AI
    Based on the model number **M2AS1-A342-R2/N**, this identifies as a high-performance **Solid State Drive (SSD)**, typically manufactured by **Innodisk**. These drives are engineered for industrial and enterprise applications where reliability and endurance are critical. --- ### 1. Technical Specifications Breakdown The following table outlines the electronic and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Model Series** | M2AS (M.2 SATA SSD) | | **Form Factor** | M.2 2242 (22mm x 42mm) | | **Interface** | SATA III 6.0 Gb/s | | **Capacity** | 4GB (Low capacity, typically for OS booting or embedded systems) | | **Flash Type** | SLC (Single-Level Cell) or iSLC | | **Control IC** | Integrated SSD Controller with ECC support | | **Operating Temp** | Standard (0°C ~ +70°C) or Wide Temp (-40°C ~ +85°C) depending on suffix | --- ### 2. Key Electronic Components The PCB (Printed Circuit Board) of this M.2 module consists of several critical electronic sub-systems: #### A. NAND Flash Memory The heart of the storage. Being an industrial-grade "R2" revision, it often utilizes high-endurance flash. Unlike consumer TLC drives, this part is optimized for a high number of **Program/Erase (P/E) cycles**. #### B. SSD Controller The "brain" of the device. It handles: * **Wear Leveling:** Distributing writes across the flash to prevent premature failure. * **Bad Block Management:** Identifying and bypassing faulty memory cells. * **Error Correction Code (ECC):** Ensuring data integrity during high-speed transfers. #### C. Power Management Circuitry * **Voltage Regulators:** Converts the 3.3V input from the M.2 slot to the specific voltages required by the NAND and Controller (usually 1.2V or 1.8V). * **Power-on Reset (POR):** Ensures the drive initializes correctly only when stable power is reached. --- ### 3. Special Features (Industrial Grade) The `/N` and `R2` designations in the part number often imply specific industrial enhancements: 1. **Fixed BOM (Bill of Materials):** The internal electronic components (controller and flash) will not change throughout the product lifecycle without a PCN (Product Change Notice). 2. **iData Guard:** Protective circuitry that ensures data is written correctly even during a sudden power loss. 3. **Thermal Sensor:** Integrated electronic sensor to monitor the drive's temperature and prevent overheating via thermal throttling. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between SLC and iSLC flash in this model?
    • ⤷ How does the SATA III interface affect the maximum transfer speeds?
    • ⤷ Can this SSD be used in standard consumer laptops?