データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AS1-A443-R

  • AI
    The **M2AS1-A443-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Magnetic Buzzer** or a transducer. These components are widely used in consumer electronics, automotive dashboards, and industrial equipment to provide audible feedback (beeps or alarms). --- ### 1. Key Technical Specifications Based on standard industry data for this part series, the technical breakdown is as follows: | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Mounting Type** | Surface Mount Device (SMD) | | **Rated Voltage** | 3.6V - 5.0V (Typical) | | **Operating Voltage Range** | 2.0V ~ 7.0V | | **Sound Pressure Level (SPL)** | ~85 dB at 10cm | | **Resonant Frequency** | 2730 Hz (Standard frequency for human hearing) | | **Current Consumption** | Max 100mA | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components The internal structure of the M2AS1-A443-R consists of several core electronic and mechanical parts: 1. **Electromagnet Coil:** A coil of fine copper wire wrapped around a core. When current passes through, it generates a magnetic field. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the electromagnet. 3. **Vibrating Diaphragm:** A thin metal disk (usually iron) that is pulled and released by the fluctuating magnetic field, creating sound waves. 4. **Housing/Case:** A high-temperature plastic (LCP or PPS) designed to withstand "Reflow Soldering" temperatures. 5. **SMD Pads:** Gold or Tin-plated contact points for soldering onto a Printed Circuit Board (PCB). --- ### 3. Driving Circuit Requirements Because this is a **Magnetic Transducer** (and not a self-contained indicator), it requires an external oscillating signal to produce sound. You cannot simply apply a DC voltage to it. ```python # Conceptual logic for driving the buzzer using a Microcontroller (MCU) # The frequency must match the resonant frequency (e.g., 2730Hz) import machine buzzer_pin = machine.PWM(machine.Pin(12)) buzzer_pin.freq(2730) # Set to Resonant Frequency buzzer_pin.duty(512) # 50% Duty Cycle to activate sound ``` --- ### 4. Typical Applications * **Medical Devices:** Heart rate monitors or diagnostic alerts. * **Consumer Electronics:** Microwave ovens, washing machines, or smart home hubs. * **Automotive:** Turn signal indicators or door-ajar warnings. * **Security:** Alarm system keypads.
    ✨ Follow-up Questions
    • ⤷What is the difference between a magnetic transducer and a piezo buzzer?
    • ⤷ What is the recommended footprint for soldering this SMD part?
    • ⤷ How can I increase the volume of this buzzer in my circuit?