データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AVS-1132-R2/N

  • AI
    Based on the part number **M2AVS-1132-R2/N**, this component is a specialized **RF (Radio Frequency) Mixer/Frequency Downconverter**, typically manufactured by companies like **Mini-Circuits** or specialized RF module suppliers. The "M2" series generally refers to high-performance double-balanced mixers or frequency translation modules used in telecommunications and defense. --- ### 1. Technical Specifications (General) While specific datasheets can vary by revision, the **M2AVS-1132** series generally follows these parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Double Balanced Mixer / RF Downconverter | | **Frequency Range (RF/LO)** | 800 MHz to 2500 MHz (Approx.) | | **IF Frequency Range** | DC to 500 MHz | | **Conversion Loss** | 6.5 dB to 8.0 dB | | **LO Drive Level** | +7 dBm to +13 dBm (Level 7/10/13) | | **Isolation (LO-RF)** | 25 dB to 40 dB | | **Package Type** | Surface Mount (SMD) or Plug-in Case | --- ### 2. Breakdown of the Part Number * **M2AVS**: The series identifier. "M2" often denotes a specific architectural design (Double Balanced). "AVS" relates to the voltage/current biasing or specific environmental screening. * **1132**: The internal design code determining the specific frequency optimization (e.g., L-Band or S-Band). * **R2**: Revision 2. This indicates a hardware iteration, often improving thermal stability or impedance matching over the original design. * **N**: Usually denotes the **connector type** (N-type connector) if it is a connectorized module, or **RoHS compliance/Non-hermetic** status depending on the specific manufacturer's coding. --- ### 3. Key Electronic Functions #### A. Frequency Translation The primary role is to take a high-frequency input signal (**RF**) and mix it with a Local Oscillator (**LO**) signal to produce a lower Intermediate Frequency (**IF**). #### B. High Isolation The internal diode ring or FET structure is designed to prevent the "leakage" of the Local Oscillator signal into the RF port, which prevents antenna radiation interference. #### C. Linearity The **R2** revision typically features improved **IP3 (Third-Order Intercept Point)**, ensuring that the component does not introduce significant distortion when handling multiple signals simultaneously. --- ### 4. Typical Applications 1. **Cellular Base Stations**: Used in the receiver chain to downconvert LTE/5G signals. 2. **Radar Systems**: Signal processing for target detection. 3. **Test Equipment**: Found in spectrum analyzers and signal generators for frequency shifting. 4. **Satellite Communications**: Used in ground station block downconverters (LNBs). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the M2AVS-1132-R2/N?
    • ⤷ Does this component require an external power supply or is it passive?
    • ⤷ What are the mounting requirements for the R2/N package?