データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AVS-16136-R

  • AI
    The **M2AVS-16136-R** is a high-performance connector part, typically associated with the automotive or industrial electronics sector. It is part of the **M2AVS** series, which is engineered for high-density signal transmission in environments that require vibration resistance and durability. --- ### ## Technical Specifications Overview The following table outlines the general electronic and physical characteristics of this component series: | Feature | Specification Details | | :--- | :--- | | **Series** | M2AVS | | **Contact Gender** | Female (Receptacle) | | **Configuration** | Multi-pin (Standardized for automotive ECUs) | | **Mounting Type** | Through-hole or Wire-to-Board (depending on sub-variant) | | **Current Rating** | Typically 3A to 5A per contact | | **Voltage Rating** | 250V AC/DC | | **Operating Temp** | -40°C to +105°C | --- ### ### Key Electronic Design Features 1. **Vibration Resistance:** Designed with high-tension contact points to ensure electrical continuity even under the mechanical stress of a vehicle engine or industrial machinery. 2. **Contact Plating:** Usually features selective gold or high-grade tin plating to minimize contact resistance and prevent oxidation over long-term use. 3. **Polarization & Keying:** The housing is designed with physical "keys" to prevent incorrect mating (reverse polarity protection), which is critical for protecting sensitive PCB components. 4. **CPA (Connector Position Assurance):** Many parts in this series include a locking mechanism that ensures the connector is fully seated before the electrical circuit is completed. ### ### Common Applications * **Automotive Control Units (ECUs):** Interfacing sensors with the main processing board. * **Infotainment Systems:** High-density signal routing for displays and audio. * **Industrial Automation:** Signal transmission in PLC (Programmable Logic Controller) modules. --- ### ### Cross-Reference & Maintenance When dealing with the **-R** suffix in this part number, it often denotes **RoHS Compliance** (Restriction of Hazardous Substances) or specifically refers to the **Reel** packaging format for automated SMT/THT assembly lines. ```json { "part_status": "Active", "compliance": "RoHS Lead-Free", "category": "Interconnects", "sub_category": "Rectangular Connectors" } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the 16136 configuration?
    • ⤷ Are there specific crimp tools recommended for the M2AVS series?
    • ⤷ Does this part have a waterproof (sealed) rating?