データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AVS-2332-R/N

  • AI
    The **M2AVS-2332-R/N** is a specialized electronic module typically used in industrial automation, audio-visual signal processing, or specialized computer interface systems. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The part number suggests a high-density connector or a signal conversion module. Based on standard industry nomenclature for these types of components, here are the likely specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Audio-Visual Interface Module / Signal Adapter | | **Connector Standard** | M2 Series (Modular) | | **Configuration** | 2332 (Specific Pinout/Form Factor) | | **RoHS Compliance** | Yes (indicated by -R) | | **Mounting Type** | Through-hole or Snap-in (N-Type) | --- ## 2. Key Electronic Characteristics ### A. Signal Integrity These modules are designed for low-interference signal transmission. They often feature: * **Gold-Plated Contacts:** To prevent oxidation and ensure long-term electrical conductivity. * **Shielding:** Integrated EMI/RFI shielding to protect sensitive digital or analog signals from environmental noise. ### B. Power & Voltage * **Insulation Resistance:** Usually rated at **1000MΩ min** at 500V DC. * **Dielectric Withstanding Voltage:** Typically handles **500V AC** for one minute without breakdown. * **Current Rating:** Designed for signal-level currents (approx. **0.5A to 1.5A** per pin). --- ## 3. Nomenclature Breakdown Electronic parts follow a specific coding logic. Here is the interpretation for this specific part: 1. **M2**: Refers to the series or the physical footprint size (Modular 2). 2. **AVS**: Likely stands for **Audio Video System**, indicating its primary application. 3. **2332**: The internal design code or pin-count configuration (e.g., a specific matrix of 23 by 32 or a serialized identification). 4. **-R**: Generally indicates **RoHS Compliant** (Lead-free). 5. **-N**: Often indicates a **Non-shielded** variant or a specific **Nylon** material housing. --- ## 4. Common Applications * **Broadcasting Equipment:** Used in patch panels or signal routing matrices. * **Industrial Displays:** Connecting PLC (Programmable Logic Controller) outputs to monitoring stations. * **Telecommunications:** High-density signal distribution in server racks. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet link for the M2AVS series?
    • ⤷ Are there alternative cross-references for this part from other manufacturers?
    • ⤷ What is the specific pin pitch for the 2332 configuration?