データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AVS-2336-R

  • AI
    The **M2AVS-2336-R** is a specific model of an **Active Optical Cable (AOC)**, typically categorized under high-speed interconnect components. These parts are used to bridge the gap between traditional copper cabling and pure fiber optics by embedding electronic-to-optical conversion circuitry directly into the connector heads. --- ## Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | Active Optical Cable (AOC) | | **Connector Type** | Usually QSFP (Quad Small Form-factor Pluggable) or similar | | **Data Rate** | Typically optimized for 40Gbps or 100Gbps applications | | **Length** | Specific to the "2336" variant (often 3 to 10 meters) | | **Media Type** | Multimode Fiber (MMF) | | **Jacket Material** | PVC or LSZH (Low Smoke Zero Halogen) | --- ## Core Electronic Components The "Active" part of the M2AVS-2336-R refers to the integrated circuits housed inside the metal connector shells. Here is a breakdown of the internal electronics: ### 1. Optical Transceivers (VCSELs) The cable uses **Vertical-Cavity Surface-Emitting Lasers (VCSELs)**. These convert electrical signals from the host switch into light pulses. They are chosen for AOCs because they are cost-effective and consume low power. ### 2. Photodetectors (PIN Diodes) At the receiving end, high-speed photodetectors convert the incoming light back into electrical signals. These are usually PIN photodiodes optimized for the 850nm wavelength. ### 3. Integrated Circuitry (IC) * **Driver IC:** Amplifies the electrical signal from the host to drive the VCSELs. * **TIA (Transimpedance Amplifier):** Converts the current from the photodetectors into a voltage signal. * **Clock and Data Recovery (CDR):** (Optional depending on specific revision) Used to clean up signal jitter for longer cable runs. ### 4. EEPROM A small memory chip is included to store "Digital Diagnostic Monitoring" (DDM) data. This allows the network switch to identify the cable manufacturer, part number, and monitor real-time temperature or voltage levels. --- ## Key Benefits of this Component 1. **Lower Weight:** Much lighter than passive copper cables (DACs), reducing strain on rack hardware. 2. **EMI Immunity:** Since the transmission medium is glass fiber, it is immune to electromagnetic interference. 3. **Plug-and-Play:** It behaves like a copper cable (no separate transceivers needed) but offers the performance of fiber.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption limits for this specific AOC model?
    • ⤷ Is the M2AVS-2336-R compatible with Cisco or Mellanox hardware?
    • ⤷ What is the maximum bend radius for this optical cable?