データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AVS-3336-R2/N

  • AI
    The **M2AVS-3336-R2/N** is a specific variant within a series of high-performance connectors, typically used in automotive and industrial electronic control units (ECUs). These parts are designed to handle harsh environments while maintaining high signal integrity. --- ### 1. Technical Specifications Overview Based on standard industry naming conventions for this series (often associated with brands like JAE or similar automotive connector manufacturers), here are the typical electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | PCB Header / Connector Interface | | **Number of Positions** | Variable (often indicated by the 3336 series designation) | | **Pitch** | High-density spacing (typically 1.0mm to 2.2mm) | | **Mounting Style** | Through-Hole (T/H) or Surface Mount (SMT) | | **Voltage Rating** | 50V to 250V AC/DC (Application dependent) | | **Current Rating** | 0.5A to 3.0A per contact | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Electronic Components & Materials The reliability of the M2AVS series stems from its material composition: * **Contacts (Pins):** Usually made of **Copper Alloy**. These are often gold-plated or tin-plated to ensure low contact resistance and prevent oxidation in humid environments. * **Housing:** High-temperature thermoplastic (e.g., PPS or PBT). This ensures the part does not warp during the reflow soldering process. * **Shielding:** Many versions include a metal shell or "shroud" to provide EMI (Electromagnetic Interference) protection, crucial for sensitive automotive sensors. --- ### 3. Usage and Application The "R2/N" suffix typically denotes a specific revision or packaging style (like "Reel" or "N" for a specific material compliance). #### Typical Applications: 1. **Automotive ECUs:** Connecting the main circuit board to external sensors or actuators. 2. **Infotainment Systems:** High-speed data transmission between display units and processors. 3. **Industrial Controllers:** Used in PLC modules where space is limited but vibration resistance is required. --- ### 4. Reference Pinout Logic (Generic) While specific pinouts depend on the board layout, these connectors usually follow a grid pattern: ```yaml Row A: [Signal 1] [Signal 2] [Ground] [Signal 3] ... Row B: [VCC] [Ground] [Signal 4] [Signal 5] ... ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the 3336 model?
    • ⤷ Which manufacturer produces the M2AVS-3336-R2/N?
    • ⤷ Are there waterproof versions of this connector series?