データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AVS-A332-R2

  • AI
    The **M2AVS-A332-R2** is a specialized high-performance automotive-grade camera module or sensor assembly, frequently associated with Advanced Driver Assistance Systems (ADAS). Below is a breakdown of its electronic components and functional characteristics. --- ### 1. Key Technical Specifications The module is designed for reliability in harsh environments, typical of automotive electronic control units (ECUs). | Feature | Description | | :--- | :--- | | **Sensor Type** | CMOS Image Sensor (High Dynamic Range) | | **Resolution** | Typically 1.3MP to 2.0MP (standard for ADAS vision) | | **Interface** | FPD-Link III or GMSL (SerDes interface) | | **Voltage Supply** | 5V to 12V DC (Power over Coax compatible) | | **Operating Temp** | -40°C to +105°C | | **Form Factor** | M12 mount or customized automotive housing | --- ### 2. Core Electronic Components The internal PCB (Printed Circuit Board) architecture generally consists of four primary sections: #### A. The Image Sensor (CMOS) At the heart of the module is a **CMOS sensor** (often sourced from ON Semiconductor or Sony). * **LED Flicker Mitigation (LFM):** Essential for reading traffic signs and avoiding interference from LED headlights. * **High Dynamic Range (HDR):** Allows the camera to see detail in both dark tunnels and bright sunlight simultaneously. #### B. The Serializer (SerDes) Because automotive cameras are often far from the central processing unit (the "brain"), the M2AVS uses a **Serializer** (e.g., Maxim Integrated GMSL or TI FPD-Link). * **Function:** Converts high-speed parallel video data into a single-ended serial signal for transmission over a single coaxial cable. * **PoC (Power over Coax):** Enables the module to receive power and send data over the same wire. #### C. Power Management IC (PMIC) Automotive power grids are noisy. The internal PMIC handles: * **Voltage Regulation:** Stepping down the input voltage to the 1.2V, 1.8V, and 2.8V required by the sensor. * **Protection:** Over-voltage and reverse-polarity protection to prevent damage during vehicle jump-starts or battery transients. #### D. EEPROM/Flash Memory A small memory chip stores: * **Calibration Data:** Lens distortion parameters unique to that specific unit. * **Configuration:** Register settings for the sensor startup sequence. --- ### 3. Connection and Integration The **-R2** suffix usually denotes a specific revision of the hardware or a specific lens orientation/housing style. * **Connector Type:** Usually uses a Fakra or HSD (High Speed Data) connector. * **Data Protocol:** Transmits raw or YUV data to an external ISP (Image Signal Processor) or an ADAS SoC (System on Chip) like NVIDIA Orin or Mobileye EyeQ series. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the M2AVS-A332-R2 connector?
    • ⤷ Which SerDes protocol (GMSL or FPD-Link) does this specific revision use?
    • ⤷ Can this module be used with standard Raspberry Pi or Arduino hardware?