データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AVS-C136-R2/N

  • AI
    The **M2AVS-C136-R2/N** is a specialized high-performance connector component, typically part of the **M2 series** designed by manufacturers like **JAE (Japan Aviation Electronics)**. These connectors are primarily used for high-speed differential signaling in automotive and industrial applications. --- ### Technical Specifications & Features The following table outlines the general electronic and physical characteristics associated with this series: | Property | Description | | :--- | :--- | | **Series** | M2 (Automotive High-Speed) | | **Configuration** | Right-angle, Surface Mount (SMT) | | **Interface** | High-speed differential signaling (LVDS, USB, Ethernet) | | **Shielding** | Full metallic shielding for EMI/EMC protection | | **Pins/Contacts** | Specific to the "C136" configuration (often 4-pos or multi-signal) | | **Operating Temp** | -40°C to +105°C (Standard automotive grade) | --- ### Component Breakdown 1. **Housing and Shell**: The "R2" usually indicates a specific orientation (Right Angle) or a revision of the mechanical shell. The shell is designed to provide robust grounding to the PCB to minimize electromagnetic interference (EMI). 2. **Contact Material**: High-conductivity copper alloy with gold or tin plating. This ensures low contact resistance and maintains signal integrity over thousands of vibration cycles. 3. **Mechanical Locking**: These connectors often feature a mechanical "click" or latching mechanism to ensure the connection remains secure in high-vibration environments (like inside a moving vehicle). --- ### Common Applications Due to its high frequency and high-speed data capabilities, this part is commonly found in: * **ADAS Systems**: Connecting cameras and sensors to the central processing unit. * **Infotainment Units**: High-definition display links (LVDS). * **Navigation Systems**: Fast data transfer for map rendering. * **Telematics Control Units**: Handling complex data streams. --- ### Footprint Information (General) ```text PCB Layout Consideration: - Pad Type: SMT (Surface Mount Technology) - Shielding Tabs: Through-hole or SMT ground tabs - Impedance Control: 100 Ohm differential (typical) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the M2AVS series?
    • ⤷ Does this connector require specific soldering profiles for automotive grade assembly?
    • ⤷ What are the compatible mating cable assemblies for the C136-R2 variant?