データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2AVS-C332-R2

  • AI
    The **M2AVS-C332-R2** is a high-performance **M.2 Solid State Drive (SSD)** part of the industrial/commercial storage lineup, typically manufactured by vendors like Advantech. This specific model follows the M.2 2280 form factor and utilizes the NVMe interface to provide high-speed data transfer. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen3 x4 | | **Protocol** | NVMe 1.3 | | **Capacity** | 32GB (Based on suffix C332) | | **Flash Type** | 3D TLC (Triple Level Cell) | | **Operating Temp** | 0°C to 70°C (Standard Commercial) | --- ### Core Electronic Components The drive consists of several critical integrated circuits and passive components: #### 1. NAND Flash Memory The "storage" element of the drive. In this model, it uses **3D TLC NAND**. * **Structure:** Cells are stacked vertically to increase density. * **Function:** Retains data without power. At 32GB, it is likely a single-package configuration. #### 2. SSD Controller The "brain" of the device. It manages data traffic between the PCIe bus and the NAND flash. * **Wear Leveling:** Ensures write cycles are distributed evenly across the flash cells to prevent premature failure. * **ECC (Error Correction Code):** Detects and fixes bit errors that occur during data reading/writing. * **Bad Block Management:** Identifies and bypasses failed memory sectors. #### 3. Power Management IC (PMIC) SSD units convert the 3.3V power supplied by the M.2 slot into various lower voltages (e.g., 1.8V, 1.2V, 0.9V) required by the controller and the NAND flash. * Includes protective circuitry against over-voltage and short circuits. #### 4. Passive Components * **Capacitors:** Filter electrical noise and stabilize the voltage supply. * **Resistors:** Control current flow and signal termination. * **Oscillator:** Provides the clock signal for the controller to synchronize data operations. --- ### Key Features for Applications * **High Reliability:** Designed for industrial applications where standard consumer drives might fail due to constant write cycles. * **Small Footprint:** The M.2 2280 design allows it to be used in slim embedded systems, IoT gateways, and compact industrial PCs. * **NVMe Performance:** Offers significantly lower latency and higher IOPS (Input/Output Operations Per Second) compared to older SATA-based M.2 drives.
    ✨ Follow-up Questions
    • ⤷ What is the endurance rating (TBW) for this 32GB module?
    • ⤷ Is there an industrial wide-temperature version of this part (e.g.
    • ⤷ -40 to 85°C)?
    • ⤷ How does the performance of this PCIe Gen3 x4 drive compare to a SATA M.2 SSD?