データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2BC-082-R

  • AI
    The **M2BC-082-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current magnetic component used in power management circuits. Below is a detailed breakdown of its technical characteristics and typical applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the parts generally adhere to the following parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | 0.82 µH (Represented by the "082" code) | | **Tolerance** | ±20% (Standard for "M" series) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | | **Operating Temp** | -40°C to +125°C (Automotive/Industrial grade) | --- ### 2. Physical Construction The M2BC series is designed for durability and efficiency in compact spaces: * **Core Material:** Usually a composite metal powder (Iron powder) which offers high saturation current and low core losses. * **Shielding:** The molded construction acts as a shield, reducing electromagnetic interference (EMI) which is critical in dense PCB layouts. * **Lead-Free:** Compliant with RoHS and REACH standards. --- ### 3. Electrical Performance The "R" suffix and the low inductance value (0.82 µH) suggest this part is optimized for high-frequency switching: * **High Saturation Current (Isat):** Designed to handle high current peaks without the magnetic core losing its inductive properties. * **Low DC Resistance (DCR):** Minimizes power loss (heat) during operation, increasing the overall efficiency of the power supply. * **High Frequency:** Ideally suited for DC-DC converters operating in the MHz range. --- ### 4. Typical Applications These inductors are found in circuits where stable voltage and high current are required: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases. 2. **DC-DC Converters:** Point-of-Load (POL) power supplies in telecommunications. 3. **Portable Electronics:** Battery-powered devices requiring efficient power conversion. 4. **Automotive Infotainment:** Power filtering for onboard displays and sensors. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Isat) for the 0.82µH model?
    • ⤷ How does the 'M' prefix affect the tolerance compared to other series?
    • ⤷ What are the recommended reflow soldering profiles for this SMD component?