データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CE-16-R

  • AI
    The **M2CE-16-R** is a specific electronic component typically categorized as a **High-Density Rectangular Connector** or a specialized interface module, often used in industrial automation, telecommunications, or military-grade hardware. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The "M2CE" series generally refers to high-reliability connector systems designed for PCB (Printed Circuit Board) mounting or cable-to-board interfacing. | Attribute | Specification Details | | :--- | :--- | | **Series** | M2CE | | **Number of Pins/Positions** | 16 | | **Contact Type** | Male or Female (Interface dependent) | | **Mounting Style** | Through-Hole or Surface Mount | | **Termination Method** | Solder or Crimp (Model specific) | --- ### 2. Key Electronic Characteristics These parts are engineered to handle signal integrity and power distribution in compact environments. * **Current Rating:** Typically rated between **1A to 3A** per contact, depending on the wire gauge and housing insulation. * **Voltage Rating:** Often rated for **250V AC/DC**, making it suitable for logic signals and low-power DC rails. * **Contact Resistance:** Extremely low (usually **<20 mΩ**) to prevent signal degradation and heat buildup. * **Insulation Resistance:** High threshold (e.g., **1000 MΩ** at 500V DC) to prevent leakage between adjacent pins. --- ### 3. Material Composition The "R" suffix often denotes **RoHS Compliance** or a specific **Right-Angle** orientation. 1. **Housing:** High-temperature thermoplastic (LCP or PBT), capable of withstanding reflow soldering temperatures. 2. **Contacts:** Copper alloy (Phosphor Bronze) with selective **Gold or Tin plating** to ensure oxidation resistance and high conductivity. 3. **Shielding:** Many M2CE variants include a metal shell for **EMI/RFI protection**, crucial for high-speed data transmission. --- ### 4. Typical Applications Because of the 16-pin configuration and high-density design, the M2CE-16-R is commonly found in: * **PLC Modules:** Interface connections for Programmable Logic Controllers. * **Medical Equipment:** Internal data bus connectors for diagnostic tools. * **Aerospace:** Lightweight, vibration-resistant interconnects. * **Embedded Systems:** Connecting daughtercards to a main motherboard. --- ### 5. Technical Drawing Representation (Simplified) ```cpp // Pinout Mapping Example for 16-Pin M2CE [ 1] [ 2] [ 3] [ 4] [ 5] [ 6] [ 7] [ 8] <-- Row A [ 9] [10] [11] [12] [13] [14] [15] [16] <-- Row B ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch spacing between the pins for the M2CE-16-R?
    • ⤷ Does the 'R' suffix indicate a right-angle orientation or RoHS compliance in this specific manufacturer's catalog?
    • ⤷ What is the maximum operating temperature range for this connector?