M2CE-5Z-R2/N
AI

The **M2CE-5Z-R2/N** is a specific electronic component typically categorized under **Modular Limit Switches** or **Industrial Control Switches**, often associated with brands like OMRON or specialized industrial automation suppliers.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part is designed for precision detection in automated machinery. The "M2CE" series generally refers to a specific actuator or housing style, while the suffixes define the electrical properties.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Limit Switch / Micro Switch Assembly |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Roller Plunger / Hinge Lever (Series Dependent) |
| **Switching Capacity** | 5A at 250VAC (Typical) |
| **Terminal Type** | Solder / Quick-connect terminals |
### 2. Suffix Breakdown
The alphanumeric code provides specific details about the internal electronic build:
* **M2CE**: Series identifier for the switch body style.
* **5**: Usually indicates the rated current (5 Amperes).
* **Z**: Denotes the contact gap or high-sensitivity internal mechanism.
* **R2**: Often refers to the specific actuator orientation or "Roller" type (R2 being a specific radius or offset).
* **N**: Indicates a "New" or revised version compliant with modern environmental standards (like RoHS).
---
### 3. Electrical Characteristics
The internal electronics are designed to handle both AC and DC loads for industrial logic controllers (PLCs).
| Parameter | Value |
| :--- | :--- |
| **Insulation Resistance** | 100 MΩ min. (at 500 VDC) |
| **Contact Resistance** | 50 mΩ max. (initial) |
| **Dielectric Strength** | 1,000 VAC, 50/60 Hz for 1 min |
| **Vibration Resistance** | 10 to 55 Hz, 1.5-mm double amplitude |
| **Operating Life** | 1,000,000 operations min. (Mechanical) |
---
### 4. Circuit Diagram Representation
The device operates as a standard changeover switch:
```mermaid
graph LR
COM[Terminal 1: Common] --- NC[Terminal 2: Normally Closed]
COM -.-> NO[Terminal 3: Normally Open]
```
### 5. Application Areas
* **Safety Interlocks:** Detecting if a machine guard is closed.
* **Position Sensing:** Identifying the end-of-travel for a CNC axis or conveyor belt.
* **Limit Control:** Preventing mechanical over-travel in elevators or lifts.
---
- ⤷What is the exact mounting dimension for the M2CE-5Z-R2/N?
- ⤷ Can this switch be used with 24V DC logic circuits?
- ⤷ What is the IP rating for environmental protection on this model?