データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-12002-R2

  • AI
    The **M2CEC-12002-R2** is a specialized carrier board designed for the **NVIDIA Jetson AGX Xavier** and **Jetson AGX Orin** modules. It is engineered to provide high-bandwidth connectivity and robust power delivery for edge AI applications. --- ### 1. Key Technical Specifications The following table outlines the primary electronic components and interfaces found on the board: | Feature | Specification | | :--- | :--- | | **Compatibility** | NVIDIA Jetson AGX Xavier / AGX Orin | | **Networking** | 2x 10GBASE-T Ethernet (via Marvell/Aquantia controllers) | | **Storage** | 1x M.2 Key M (NVMe PCIe x4) | | **Expansion** | 1x M.2 Key E (WiFi/BT), 1x M.2 Key B (LTE/5G) | | **USB Ports** | 2x USB 3.1 Type-A, 1x USB 2.0 Micro-B (Recovery) | | **Video Output** | 1x HDMI 2.0 (up to 4K @ 60Hz) | | **Input Voltage** | 9V to 20V DC (Typical 12V/19V) | --- ### 2. Core Electronic Subsystems #### A. Networking Engine The "12002" variant is specifically noted for its **dual 10GbE** capability. It utilizes high-performance PHYs (Physical Layer chips) to convert the PCIe lanes from the Jetson module into high-speed copper Ethernet ports. This makes it ideal for high-resolution IP camera streams or lidar data processing. #### B. Power Management Circuitry The board features a sophisticated **Power Management Integrated Circuit (PMIC)** layout to handle the high current demands of the AGX Orin (up to 60W+). - **Voltage Regulation:** Synchronous buck converters step down the input voltage to the specific rails required by the Jetson (5V, 3.3V, 1.8V). - **Protection:** Includes Over-Voltage Protection (OVP) and Reverse Polarity Protection. #### C. Peripheral Signal Routing The R2 revision utilizes high-speed differential pair routing to maintain signal integrity for: - **PCIe Gen 4:** Supported when used with Orin modules. - **MIPI CSI-2:** Interfaces for camera modules, often routed through high-density connectors. --- ### 3. Usage Context This board is typically integrated into industrial hardware such as: 1. **Autonomous Mobile Robots (AMR):** Where dual 10G ports allow for multiple 3D sensors. 2. **Smart City Infrastructure:** Handling 10+ high-bitrate video streams for AI analytics. 3. **Edge Servers:** Providing high-speed data uplink to local networks. ---
    ✨ Follow-up Questions
    • ⤷What are the power requirements for the M2CEC-12002-R2 when using an AGX Orin module?
    • ⤷ Does this board support GMSL2 camera interfaces directly?
    • ⤷ How does the R2 revision differ from the original R1 version?