データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-1200D-R2

  • AI
    The **M2CEC-1200D-R2** is a high-performance, military-grade or industrial rugged Power Supply Unit (PSU), specifically a **DC-DC Converter**. This model is part of the M2CEC series designed for demanding environments where reliability, thermal management, and power density are critical. Below is an explanation of its electronic architecture and key components. --- ## 1. Core Electronic Specifications The "1200D" designation typically refers to its power output capacity. | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | Wide range DC input (typically 18V - 36V or 28V nominal). | | **Output Power** | 1200 Watts (Max). | | **Form Factor** | Compact, high-density module (often 3U or specific rugged enclosure). | | **Efficiency** | High-efficiency switching topology (typically >90%). | | **Cooling** | Conduction-cooled via baseplate or forced air. | --- ## 2. Internal Electronic Architecture The device utilizes advanced power electronics to manage high current and voltage conversion: ### A. Power Conversion Stage * **Switching Regulators:** Uses high-frequency Pulse Width Modulation (PWM) controllers to minimize energy loss. * **MOSFETs/IGBTs:** High-speed Gallium Nitride (GaN) or Silicon Carbide (SiC) transistors are often used in the R2 (Revision 2) versions to improve switching efficiency and reduce heat. ### B. Filtering and Protection Circuits To comply with military standards (like MIL-STD-461), the unit contains: * **EMI/EMC Filters:** Large inductors and capacitors at the input/output stages to suppress electromagnetic interference. * **Transient Voltage Suppressors (TVS):** Protects the internal circuitry from spikes (e.g., MIL-STD-1275 surge requirements). * **Isolation Transformers:** Provides galvanic isolation between input and output to prevent ground loops and increase safety. ### C. Control and Monitoring (The "Smart" Layer) The "R2" revision often implies an updated control logic board: * **Microcontroller/DSP:** Monitors real-time voltage, current, and temperature. * **Communication Bus:** Supports digital protocols (such as **PMBus** or **I2C**) for remote health monitoring and telemetry. --- ## 3. Key Electronic Protections The M2CEC-1200D-R2 includes hardware-level protection logic: 1. **OVP (Over Voltage Protection):** Shuts down the unit if output exceeds safe limits. 2. **OCP (Over Current Protection):** Limits current to prevent traces from melting or components from burning. 3. **OTP (Over Temperature Protection):** Thermal sensors trigger a derating or shutdown if the baseplate exceeds a specific threshold (often +85°C or +100°C). 4. **SCP (Short Circuit Protection):** Instantaneous shutdown in the event of a hard short. --- ## 4. Typical Applications Due to its ruggedized nature and the "R2" improvements in component density: * **Military Vehicles:** Powering onboard computers and communication arrays. * **Aerospace:** Used in UAVs or satellite ground stations. * **Industrial Automation:** Heavy-duty robotics requiring a stable 1200W DC source.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M2CEC-1200D-R2 connectors?
    • ⤷ Does this model comply with MIL-STD-810 environmental testing?
    • ⤷ What is the difference between the R1 and R2 revisions of this power supply?