M2CEC-12503-R
AI

The **M2CEC-12503-R** is a specific electronic component typically categorized as a **modular connector** or a **high-speed card-edge connector**. While these parts are often specialized for telecommunications and industrial computing, they follow a standardized architectural profile.
---
## Technical Specifications
The following table highlights the general technical parameters associated with this series of connectors:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Card Edge Connector / Modular Plug |
| **Mounting Type** | Through-hole or SMT (Surface Mount Technology) |
| **Contact Plating** | Gold (typically 15µ" to 30µ") over Nickel |
| **Current Rating** | ~1.0A to 1.5A per contact |
| **Voltage Rating** | 125V AC/DC |
| **Housing Material** | High-Temperature Thermoplastic (UL94V-0) |
| **Lead-Free Status** | RoHS Compliant (indicated by the "-R" suffix) |
---
## Electronic Anatomy
The "M2CEC" series is built to facilitate high-speed data transfer between a daughter card and a motherboard.
### 1. Mechanical Housing
The body is made of liquid crystal polymer (LCP) or high-temp nylon. This ensures that the part can withstand the heat of **reflow soldering** without warping.
### 2. Contact System
The pins are designed with a specific "spring force" to maintain electrical continuity even under vibration. The gold plating is critical here to prevent oxidation, which would otherwise increase electrical resistance and degrade signal integrity.
### 3. Suffix Breakdown (-R)
In the electronics industry, the suffix **-R** almost universally signifies:
* **RoHS Compliance:** The part is manufactured without lead, mercury, or cadmium.
* **Packaging:** Occasionally, it can denote "Tape & Reel" packaging for automated pick-and-place assembly machines.
---
## Common Applications
* **Server Blades:** Connecting memory or specialized processing cards.
* **Networking Gear:** Used in routers and switches for modular interface cards.
* **Industrial PC (IPC):** Providing a secure connection for I/O expansion modules.
---
- ⤷What are the specific pin count and pitch dimensions for the M2CEC series?
- ⤷ Is the M2CEC-12503-R compatible with PCIe standard interfaces?
- ⤷ What is the maximum operating temperature for this connector?