データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-13503-R

  • AI
    The **M2CEC-13503-R** is a specific connector assembly commonly used in high-performance computing, automotive electronics, and telecommunications. This part number typically belongs to the **M2CEC series**, which are high-speed, mezzanine-style connectors designed for edge card applications. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic and physical characteristics for this component class: | Feature | Specification | | :--- | :--- | | **Connector Type** | Edge Card / Mezzanine Connector | | **Pitch** | 0.8mm (Typical for this series) | | **Number of Positions** | 135 Pins | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Vertical / Right Angle (depending on specific R-suffix) | | **Data Rates** | Supports high-speed signals (PCIe Gen 4/5 compatible) | --- ### 2. Functional Components The M2CEC-13503-R consists of several critical electronic and mechanical parts: * **Contacts (Pins):** Made of high-conductivity copper alloy, usually plated with **Gold (Au)** over Nickel. This ensures low contact resistance and prevents oxidation over long periods. * **Insulator Housing:** Constructed from high-temperature Liquid Crystal Polymer (LCP) or Thermoplastic. This material is chosen for its dielectric properties and ability to withstand lead-free reflow soldering temperatures. * **Solder Tabs/Anchors:** Metal components on the ends of the connector that provide mechanical strain relief to the PCB, ensuring the connector doesn't lift during cable insertion or vibration. * **Polarization Keys:** Physical notches in the housing that prevent the "Mating Card" from being inserted upside down, protecting the electronic circuits from shorting. --- ### 3. Application Areas These parts are engineered for environments where signal integrity is paramount: 1. **Server Blades:** Used to connect daughter cards to the main motherboard. 2. **Automotive ECU:** High-density interconnects for sensor processing units. 3. **Storage Systems:** Connecting NVMe drives or controller cards in high-speed arrays. --- ### 4. Integration Example (Schematic Logic) In a circuit design, the connector is treated as a multi-pin bridge. Here is how it is represented in CAD software: ```yaml Component: M2CEC-13503-R Footprint: SMT_135POS_0.8MM Pins: 1-20: High-Speed Differential Pairs (TX/RX) 21-50: Power Rails (3.3V, 5V, 12V) 51-135: Ground Planes & Low-Speed Logic (I2C, GPIO) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum data transfer rate supported by the M2CEC series?
    • ⤷ Are there specific soldering temperature profiles recommended for this SMT part?
    • ⤷ How does the 'R' suffix in the part number affect the mounting orientation?