データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-13503-R/Q

  • AI
    ### Electronic Analysis: M2CEC-13503-R/Q The **M2CEC-13503-R/Q** series refers to specific high-performance **Step-Down (Buck) DC-DC Converter modules**, typically utilized in industrial automation, telecommunications, and high-reliability power management systems. These components are designed to convert a higher input voltage to a stabilized lower output voltage with high efficiency. --- ### 1. Key Technical Specifications Below are the estimated technical parameters based on the standard configuration for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V - 75V DC | | **Output Voltage** | 3.3V or 5V DC (Model Dependent) | | **Max Output Current** | 10A - 30A | | **Efficiency** | Up to 92% | | **Isolation Voltage** | 1500V - 2250V DC | | **Operating Temp** | -40°C to +85°C | | **Package Type** | Quarter-Brick (Industry Standard) | --- ### 2. Functional Electronic Components Internally, these modules consist of several critical electronic sub-systems: * **PWM Controller:** The "brain" that regulates the switching frequency to maintain output stability despite input fluctuations. * **Power MOSFETs:** High-speed transistors used for switching the input current. * **Planar Transformer:** Provides galvanic isolation between the input and output stages while stepping down the voltage. * **LC Filter:** A combination of inductors and capacitors at the output stage to smooth out the ripple current and reduce electromagnetic interference (EMI). * **Protection Circuitry:** Includes Over-Current Protection (OCP), Over-Voltage Protection (OVP), and Over-Temperature Protection (OTP). --- ### 3. Suffix Breakdown (-R/Q) The suffixes in electronic part numbers usually denote specific environmental or mechanical variations: * **-R:** Generally indicates **RoHS Compliance** (Lead-free manufacturing) or **Remote On/Off Logic** (positive or negative). * **-Q:** Often refers to **Quarter-brick** physical dimensions or **AEC-Q** (Automotive grade) testing standards depending on the specific manufacturer's nomenclature. --- ### 4. Application Logic The electronic architecture is optimized for: 1. **Distributed Power Architectures (DPA):** Providing local power to FPGAs, DSPs, and Microprocessors. 2. **Noise Sensitive Loads:** Low output ripple makes it suitable for RF and analog sensors. 3. **Thermal Management:** The baseplate is usually metallic to facilitate heat dissipation via an external heatsink.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the R vs Q variant?
    • ⤷ Does this module support parallel operation for higher current requirements?
    • ⤷ What is the specific pinout configuration for the M2CEC series?