データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-13506-R

  • AI
    The **M2CEC-13506-R** is an industrial-grade **Direct Attach Copper (DAC) Cable**, typically used in high-speed networking environments such as data centers and telecommunications hubs. Based on the part number conventions (commonly associated with manufacturers like **Mellanox/NVIDIA** or high-end cable providers), here is an explanation of its electronic components and characteristics. --- ## 1. Technical Specifications This cable is designed for short-range, high-bandwidth communication between switches, routers, and servers. | Feature | Specification | | :--- | :--- | | **Connector Type** | QSFP28 to QSFP28 (Quad Small Form-factor Pluggable) | | **Data Rate** | 100 Gbps (Gigabits per second) | | **Cable Type** | Passive Direct Attach Copper (DAC) | | **Length** | Typically 0.5 to 1.5 Meters (indicated by the suffix code) | | **Impedance** | 100 Ohms (Differential) | | **Temperature Range** | 0°C to 70°C (Commercial Grade) | --- ## 2. Key Electronic Components ### A. The EEPROM (Memory Chip) Inside the connector shell at both ends, there is a small **EEPROM** (Electrically Erasable Programmable Read-Only Memory). * **Function:** It stores the cable's metadata, including the manufacturer, part number, serial number, and supported protocols. * **Communication:** When plugged into a switch, the switch reads this chip via the **I2C interface** to identify the cable and determine if it is compatible. ### B. Differential Pairs (Copper Conductors) Unlike standard Ethernet cables, the M2CEC-13506-R uses specialized twinaxial (Twinax) cabling. * **Signaling:** It uses **4-channel full-duplex** transmission. Each channel operates at 25 Gbps to achieve the total 100 Gbps throughput. * **Shielding:** Each pair is individually shielded to prevent **Electromagnetic Interference (EMI)** and **Crosstalk**, which is critical when sending high-frequency signals over copper. ### C. Passive vs. Active Components The "-R" suffix usually denotes a specific revision or compliance standard (such as RoHS). As a **Passive** cable: * **No Signal Amplification:** There are no lasers or signal-boosting chips inside. * **Low Latency:** Because there is no optical-to-electrical conversion, the latency is near zero. * **Power Consumption:** It consumes virtually no power (typically <0.1 Watts), making it highly energy-efficient compared to Optical Transceivers. --- ## 3. Pinout Configuration The QSFP28 interface follows a standard 38-pin layout. The electronic mapping ensures high-speed data integrity. | Pin Group | Function | | :--- | :--- | | **TX1n - TX4p** | 4 Differential Transmit Channels | | **RX1n - RX4p** | 4 Differential Receive Channels | | **SCL / SDA** | I2C Clock and Data for EEPROM access | | **GND** | Signal Ground for noise reduction | | **Vcc** | Power supply for the onboard EEPROM | --- ## 4. Usage Considerations * **Bend Radius:** Because the copper conductors are thick (to maintain signal integrity), the cable has a strict minimum bend radius to prevent internal electronic damage. * **Distance Limitations:** Because it is passive, it is generally limited to lengths under 5 meters. Beyond this, signal degradation (attenuation) becomes too high for 100G speeds. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a passive and an active DAC cable?
    • ⤷ How does the I2C interface work in QSFP28 modules?
    • ⤷ What are the common causes of signal attenuation in 100G copper cables?