データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-1350B-R2

  • AI
    The **M2CEC-1350B-R2** is a specialized high-performance industrial power supply module, typically utilized in server chassis, networking equipment, or high-density computing environments. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Technical Specifications Overview The "B-R2" suffix often denotes a specific revision (Revision 2) of the 1350W power module series. | Parameter | Specification | | :--- | :--- | | **Form Factor** | CRPS (Common Redundant Power Supply) or proprietary slim-line | | **Max Output Power** | 1350 Watts | | **Input Voltage** | 90V – 264V AC (Auto-ranging) | | **Efficiency Rating** | Typically 80 Plus Platinum or Titanium level | | **Output Rails** | +12V (Main), +12Vsb (Standby) | --- ### 2. Key Electronic Internal Components The module is composed of several high-density electronic stages: #### A. Input & PFC Stage * **Bridge Rectifiers:** Converts incoming AC to pulsating DC. * **Active PFC (Power Factor Correction):** Uses high-speed MOSFETs and large inductors to ensure the current waveform is in phase with the voltage, maximizing efficiency and reducing harmonics. * **Bulk Capacitors:** High-voltage (400V+) Japanese electrolytic capacitors used for energy storage and ripple filtering. #### B. Conversion Stage (DC-DC) * **Main Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation and steps down the voltage. * **Resonant LLC Converter:** A common architecture in high-wattage units like this to achieve "Zero Voltage Switching" (ZVS), which drastically reduces heat loss. #### C. Secondary & Filtering Stage * **Synchronous Rectifiers:** Instead of standard diodes, low-resistance MOSFETs are used on the secondary side to convert the transformer output to a steady +12V DC. * **Polymer Capacitors:** Solid-state capacitors are used on the output rails for high-frequency noise filtering and longevity under high heat. --- ### 3. Logic and Management Features Industrial modules like the M2CEC-1350B-R2 include "smart" electronic parts for monitoring: 1. **PMBus Interface:** An $I^2C$-based communication protocol that allows the system motherboard to monitor real-time temperature, fan speed, voltage, and current draw. 2. **Protection Circuitry (IC-based):** * **OCP:** Over-Current Protection. * **OVP:** Over-Voltage Protection. * **OTP:** Over-Temperature Protection. * **SCP:** Short-Circuit Protection. 3. **MCU (Microcontroller):** A small onboard processor manages the digital control loop and the "Hot-Swap" logic, allowing the unit to be replaced while the server is running. --- ### 4. Physical Interface The electronic connection to the backplane is usually handled by a **Gold Finger PCB connector**. * **Power Pins:** Thick copper traces for high-current +12V delivery. * **Signal Pins:** Thinner traces for PS_ON, PS_KILL, and PMBus Data/Clock lines.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2CEC-1350B-R2 gold finger connector?
    • ⤷ Does this power supply support 80 Plus Titanium efficiency standards?
    • ⤷ Which server chassis models are compatible with the M2CEC-1350B-R2?