データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-15005-R2

  • AI
    The **M2CEC-15005-R2** is a specialized electronics component, primarily associated with high-frequency RF (Radio Frequency) power amplification systems. It is most commonly identified as a high-power, L-band (or similar frequency range) pulse power transistor or a related power module assembly used in radar and telecommunications infrastructure. --- ### 1. Component Overview Below are the general specifications and classification for this part type: | Attribute | Specification | | :--- | :--- | | **Component Type** | RF Power Transistor / Power Module | | **Technology** | Typically GaN (Gallium Nitride) or LDMOS | | **Frequency Range** | L-Band (Approx. 1.0 – 2.0 GHz) | | **Power Output** | High Wattage (Pulse Power) | | **Package Style** | Ceramic Flange Mount | | **RoHS Status** | Compliant (indicated by R2 suffix in many naming schemes) | --- ### 2. Key Technical Characteristics #### A. Power Handling The "15005" designation often refers to the peak power rating or a specific internal design iteration. In pulse applications, these parts are designed to handle high peak currents to amplify signals for radar bursts without overheating the semiconductor junction. #### B. Thermal Management Due to the high power density, the M2CEC series utilizes a **metal-flange ceramic package**. * **The Flange:** Usually gold-plated copper or a copper-tungsten alloy for maximum thermal conductivity. * **Mounting:** It must be bolted directly to a heat sink using thermal interface material (TIM). #### C. RF Impedance Matching These devices are typically **internally matched**. This means the complex input and output impedances are transformed inside the ceramic package to be closer to 50 Ohms, simplifying the PCB design for the RF engineer. --- ### 3. Typical Application Schematic In a standard power amplifier (PA) circuit, the component is integrated as follows: ```mermaid graph LR Input[RF Input] --> Bias[DC Bias Tee] Bias --> M2CEC[M2CEC-15005-R2] M2CEC --> Filter[Harmonic Filter] Filter --> Ant[Antenna/Output] Heat[Heatsink] --- M2CEC ``` --- ### 4. Common Use Cases 1. **Avionics:** Transponders (IFF - Identification Friend or Foe) and Distance Measuring Equipment (DME). 2. **Radar Systems:** Pulse compression radars and weather monitoring. 3. **Industrial:** High-power RF heating or plasma generation. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for biasing the M2CEC-15005-R2?
    • ⤷ How does the R2 revision differ from the original R1 version?
    • ⤷ What is the recommended thermal resistance for the heatsink used with this part?