データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-1606-R2/Q

  • AI
    The **M2CEC-1606-R2/Q** is a specialized electronic component, typically categorized as a **Circular Plastic Connector (CPC)** or a high-density rectangular power/signal interface, often used in industrial automation, robotics, and medical equipment. Below is a breakdown of its electronic and mechanical specifications. --- ### 1. General Specifications This part is designed for high-reliability connections where space-saving and secure locking mechanisms are required. | Feature | Specification | | :--- | :--- | | **Component Type** | Connector Housing / Assembly | | **Contact Gender** | Usually Female/Socket (Check specific suffix) | | **Number of Positions** | 16-pin configuration (as indicated by "1606") | | **Mounting Type** | Panel Mount or Cable Mount | | **Operating Temp** | -40°C to +105°C (Typical) | ### 2. Key Electronic Parts & Materials The construction of the M2CEC series involves high-grade materials to ensure electrical integrity: * **Housing Material:** High-temperature thermoplastic (UL 94V-0 rated). This provides excellent insulation resistance and flame retardancy. * **Contact Plating:** Usually Gold (Au) or Selective Gold over Nickel. This prevents oxidation and ensures low contact resistance over thousands of mating cycles. * **Insulation Resistance:** Typically rated at a minimum of **1000 MΩ**, preventing current leakage between adjacent pins. * **Current Rating:** Depending on the wire gauge used, it usually supports **3A to 5A per contact**. ### 3. Structural Design Features The "R2/Q" suffix often denotes specific revisions or environmental ratings: 1. **Quick-Lock Mechanism:** The "Q" often refers to a "Quick-Disconnect" or "Quarter-turn" locking system, allowing for fast field installation without tools. 2. **Environmental Sealing:** Many versions of this part include an internal O-ring or gasket to achieve an **IP67 or IP68 rating**, protecting the electronics from dust and water immersion. 3. **Strain Relief:** The backshell is designed to grip the cable jacket, preventing physical stress from pulling the soldered or crimped wires out of the internal terminals. ### 4. Common Applications * **Medical Devices:** Used in diagnostic equipment where signal purity is critical. * **Industrial Sensors:** Connecting PLCs to remote sensors in harsh environments. * **Transportation:** Monitoring systems in railway or heavy machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M2CEC-1606-R2?
    • ⤷ Is this connector compatible with standard M12 or M23 industrial cables?
    • ⤷ What is the maximum voltage rating for this specific model?