データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-2101-R2

  • AI
    The **M2CEC-2101-R2** is a specialized industrial carrier board designed by **Advantech**. It serves as an interface adapter or expansion module, primarily used to bridge **M.2 (Key E)** slots to **mini-PCIe** or to provide specific connectivity for IoT gateways and embedded computers (such as the ARK series). Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2230 / Proprietary Expansion Card | | **Host Interface** | M.2 Key E (Typically PCIe + USB 2.0 signals) | | **Downstream Interface** | Often used for CANBus, COM ports, or Digital I/O expansion | | **Controller Type** | High-speed bridge/communication controller | | **Operating Temp** | Industrial Grade (-40°C ~ 85°C typical for "R2" series) | --- ### 2. Major Electronic Subsystems The "R2" revision generally indicates an updated hardware design for better power efficiency or signal integrity. The electronic layout typically includes: #### A. The Bridge Controller The heart of the board is usually a **PCIe-to-UART** or **PCIe-to-CAN** bridge chip. * **Function:** It translates the high-speed PCIe differential pairs from the M.2 slot into serial protocols used by industrial peripherals. * **Common ICs:** Often uses chips from Exar (MaxLinear) or Moschip for reliable driver support. #### B. Power Management (PMU) Because M.2 slots provide 3.3V, the board contains: * **LDO Regulators:** To drop voltage for low-power logic. * **DC-DC Converters:** If the expansion requires 5V (e.g., for certain CAN transceivers), the board includes small "boost" circuits. #### C. Signal Isolation & Protection Since this is an industrial part, the electronics include: * **TVS Diodes:** To protect against Electrostatic Discharge (ESD). * **Opto-Isolators:** (Depending on the specific daughterboard config) To prevent high-voltage spikes from the external serial lines from damaging the host CPU. --- ### 3. Connector Pinout Architecture The M.2 Key E interface on this board utilizes specific pins for different data lanes: 1. **PCIe x1 Lane:** Used for high-bandwidth data transfer to the main controller. 2. **USB 2.0 Signals:** Often passed through for Bluetooth or low-speed peripherals. 3. **I2C/SMBus:** Used for board identification and hardware monitoring. --- ### 4. Implementation Example (Code) To interact with the hardware components (like a serial controller) on this board via a Linux-based embedded system, you would typically use `setserial` or standard termios calls: ```python import serial # Example: Accessing a COM port expanded via M2CEC-2101 # The OS maps the PCIe bridge to a TTY device ser = serial.Serial('/dev/ttyS0', 115200, timeout=1) def send_data(cmd): ser.write(cmd.encode()) print(f"Sent: {cmd}") send_data("AT+STATUS") ``` --- ### 5. Summary of Use Case The M2CEC-2101-R2 is an **iDoor** or **i-Module** accessory. It is not a standalone computer but an electronic bridge that allows system integrators to add industrial communication ports (like CANOpen, Profibus, or RS-232/422/485) to a compact M.2 slot.
    ✨ Follow-up Questions
    • ⤷ What are the specific driver requirements for the M2CEC-2101-R2 on Windows vs Linux?
    • ⤷ Does this module support hardware-level galvanic isolation for CANBus?
    • ⤷ Which Advantech ARK models are compatible with this specific R2 revision?