データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-2103-R

  • AI
    The **M2CEC-2103-R** is a specialized electronic component, specifically a **M.2 (NGFF) to PCIe adapter/bridge card** or connector assembly, often utilized in industrial computing, embedded systems, and automotive electronics. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this part type, the electronic architecture usually includes the following: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Key M or Key B+M) | | **Interface Type** | PCIe Gen 3 or Gen 4 compatible | | **Connector Type** | High-density gold-plated pins | | **Voltage Input** | 3.3V (standard for M.2) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | --- ### 2. Electronic Component Breakdown #### A. The PCB (Printed Circuit Board) The board is typically constructed with high-Tg (Glass Transition Temperature) FR-4 material. This ensures that the electronic traces do not expand or contract excessively under thermal stress, maintaining signal integrity for high-speed data transfer. #### B. Capacitors and Power Regulation * **Decoupling Capacitors:** Small SMD (Surface Mount Device) capacitors are placed near the power pins to filter out high-frequency noise. * **Voltage Rails:** The part is designed to distribute 3.3V power from the host bus to the M.2 module, often including protection circuits to prevent over-current. #### C. Signal Routing The "electronic" heart of this part lies in its **impedance-controlled differential pairs**. Because M.2 interfaces carry high-speed signals (NVMe or SATA), the copper traces are precisely spaced and measured to 85Ω or 100Ω differential impedance to prevent data corruption and signal reflection. --- ### 3. Common Applications This part acts as a physical and electrical bridge between different hardware layers: 1. **Industrial PCs:** Connecting NVMe SSDs to custom carrier boards. 2. **Edge AI Modules:** Interfacing AI accelerators (like Hailo or Coral) into M.2 slots. 3. **Testing Rigs:** Providing a reliable mechanical interface for cycling electronic components during quality assurance. --- ### 4. Implementation Example When integrating the M2CEC-2103-R into a circuit design, the pinout follows the standard M.2 mapping. Below is a simplified representation of the signal blocks: ```markdown Pin Block 1: Power (3.3V) & Ground Pin Block 2: PCIe Lane 0 (TX/RX +/-) Pin Block 3: PCIe Lane 1 (TX/RX +/-) Pin Block 4: Sideband Signals (CLKREQ#, PERST#, WAKE#) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2CEC-2103-R connector?
    • ⤷ Does this model support both NVMe and SATA protocols?
    • ⤷ What are the mounting requirements for industrial vibration resistance?