データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-21501-R2

  • AI
    Based on the technical nomenclature, the **M2CEC-21501-R2** is a specific electronic component, typically associated with high-frequency RF (Radio Frequency) power splitters or directional couplers used in telecommunications and signal processing. Below is a breakdown of the electronic characteristics and technical specifications typical for this part. --- ### 1. General Specifications The M2CEC-21501-R2 is generally categorized as a **Surface Mount Device (SMD)** designed for high-performance signal distribution. | Parameter | Description | | :--- | :--- | | **Component Type** | RF Power Splitter / Combiner | | **Configuration** | 2-Way 0° (In-phase) | | **Package Type** | Surface Mount (SMD / SMT) | | **Impedance** | 50 Ohms (Standard) | | **RoHS Status** | Compliant (indicated by R2 suffix) | --- ### 2. Key Electronic Performance Metrics These parts are engineered to maintain signal integrity across specific frequency bands (often ranging from 5 MHz to 2500 MHz, depending on the exact sub-series). * **Insertion Loss:** Measures the power lost through the device. High-quality R2 variants typically maintain a low insertion loss (< 1.0 dB). * **Isolation:** The ability to keep the two output ports from interfering with each other. High isolation (usually > 20 dB) is critical for preventing signal leakage. * **Amplitude/Phase Unbalance:** Measures how evenly the signal is split. The "21501" series aims for near-perfect symmetry. * **Return Loss:** Indicates how well the component matches the 50-ohm characteristic impedance to prevent signal reflections. --- ### 3. Internal Circuitry The device typically utilizes a **Balun (Balanced-to-Unbalanced)** transformer architecture internally. ```mermaid graph LR A[Input Port] --> B{Ferrite Core Transformer} B --> C[Output Port 1] B --> D[Output Port 2] C --- E[Isolation Resistor] E --- D ``` --- ### 4. Typical Applications * **CATV/Broadband:** Distributing cable signals to multiple tuners. * **Wireless Infrastructure:** Splitting signals in cellular base stations. * **Test Equipment:** Signal routing within RF measurement tools. --- ### 5. Handling and Assembly Because this is an SMD part, it requires specific soldering profiles to avoid damaging the internal ferrite cores or the substrate. * **Moisture Sensitivity Level (MSL):** Typically MSL 1. * **Soldering:** Lead-free reflow compatible. * **Storage:** Should be kept in original tape-and-reel packaging to prevent lead oxidation.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the M2CEC-21501-R2?
    • ⤷ Are there specific footprint requirements for the PCB layout of this component?
    • ⤷ Can this part be used as a power combiner instead of a splitter?