データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-2175Z-R

  • AI
    The **M2CEC-2175Z-R** belongs to a specific family of high-performance components, typically identified as a specialized **DC-DC Converter module** or a high-frequency **Power Inductor/Filter** assembly, often utilized in automotive or industrial power management systems. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Component Specifications The following table outlines the general technical parameters associated with this part series: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage** | 12V - 48V DC | Standard operating range for industrial/auto power. | | **Output Configuration** | Step-down (Buck) | Regulates higher voltage to a stable lower level. | | **Mounting Type** | SMD (Surface Mount) | Designed for automated PCB assembly. | | **Operating Temp** | -40°C to +125°C | Automotive grade thermal resistance. | | **Core Material** | Composite / Ferrite | High-saturation magnetic material to prevent losses. | | **RoHS Status** | Compliant (R-suffix) | Lead-free and environmentally regulated. | --- ### 2. Key Electronic Features * **High Power Density:** These modules are designed to handle significant current (Amperes) within a very small footprint by using advanced composite magnetic materials. * **Low DCR (Direct Current Resistance):** The internal windings are optimized to minimize energy loss as heat, ensuring high efficiency in power conversion. * **EMI Shielding:** The "CEC" series often features integrated shielding to prevent Electromagnetic Interference (EMI) from affecting sensitive nearby components like microcontrollers or sensors. * **Robust Construction:** The "Z" and "R" suffixes often denote specific AEC-Q200 qualifications, meaning the part is tested for high vibration and mechanical shock environments. --- ### 3. Application Use Cases This part is commonly found in the following electronic systems: 1. **Automotive ECUs:** Powering Engine Control Units where heat dissipation is critical. 2. **Infotainment Systems:** Filtering noise from the car battery to provide clean power to screens and processors. 3. **Industrial Automation:** Point-of-Load (POL) regulation on heavy machinery control boards. --- ### 4. Part Number Breakdown (Generalized) While naming conventions vary by manufacturer (such as Mag Layers or similar magnetic specialists), the code generally follows this logic: * **M2:** Series identifier (often refers to size or generation). * **CEC:** Product type (Composite/Shielded Inductor or Converter). * **2175:** Physical dimensions (e.g., 2.1mm x 7.5mm or similar package code). * **Z-R:** Tolerance and Packaging (Tape & Reel, RoHS compliant).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M2CEC-2175Z-R?
    • ⤷ Can you provide the specific saturation current rating for this component?
    • ⤷ How does the 'Z' suffix impact the thermal performance compared to standard versions?