データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-2175Z-R2/Q

  • AI
    The **M2CEC-2175Z-R2/Q** is a high-performance, embedded computing module, typically categorized as a **COM Express** or specialized industrial-grade motherboard solution. It is designed for applications requiring high reliability, such as industrial automation, medical imaging, or telecommunications infrastructure. --- ### 1. Key Technical Specifications Below is a breakdown of the core electronic components and interfaces typically found on this series: | Feature | Specification Details | | :--- | :--- | | **Processor Support** | Intel® Core™ i7/i5/i3 (Gen-dependent, typically 6th/7th Gen) | | **Chipset** | Intel® Q170 / C236 PCH | | **Memory** | Dual-channel DDR4 SO-DIMM (up to 32GB or 64GB) | | **Expansion** | PCIe x16 (Gen 3), PCIe x4, and PCIe x1 slots | | **Storage** | SATA III (6Gb/s) ports, M.2 M-Key for NVMe/SATA SSDs | | **Networking** | Dual Gigabit Ethernet (Intel i219/i211 controllers) | | **Graphics Output** | HDMI, DisplayPort (DP++), and LVDS/eDP options | --- ### 2. Core Electronic Components The architecture of the M2CEC-2175Z-R2/Q revolves around several critical electronic subsystems: #### A. Power Management System The board utilizes a multi-phase **Voltage Regulator Module (VRM)** to convert standard DC input (usually 12V or 19V) into the low-voltage, high-current power required by the CPU (Vcore). It employs solid capacitors for long-term heat resistance and stability. #### B. Connectivity & I/O Controllers * **Super I/O Chip:** Manages legacy ports like RS-232/422/485, hardware monitoring (fan speeds, temperatures), and GPIO. * **Audio Codec:** Usually features a Realtek High Definition Audio chip for analog input/output. * **USB Hub:** Integrated USB 3.0/2.0 controllers providing high-speed data transfer to peripherals. #### C. Safety and Reliability Parts * **Watchdog Timer:** A hardware circuit that resets the system if the software hangs. * **TPM 2.0:** A dedicated Trusted Platform Module chip for hardware-based encryption and security. --- ### 3. Physical Layout and Connector Types * **M.2 Slots:** Uses "M-key" for storage and "E-key" for wireless (Wi-Fi/Bluetooth) modules. * **Internal Headers:** Includes headers for Front Panel, USB 2.0, and COM ports to allow for chassis integration. * **Cooling Interface:** Features a 4-pin PWM fan header for active cooling management. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2CEC-2175Z series?
    • ⤷ Does this module support ECC memory for industrial applications?
    • ⤷ How does the M.2 NVMe performance compare to the SATA III ports on this board?