データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-22004-R2/Q

  • AI
    The **M2CEC-22004-R2/Q** is a high-performance, industrial-grade **Single Board Computer (SBC)** or System-on-Module (SoM) carrier board typically based on the **COM Express** or **SMARC** standards. These boards are designed for embedded computing, edge AI, and industrial automation. Below is a breakdown of its key electronic components and technical specifications. --- ### 1. Core Architecture | Feature | Description | | :--- | :--- | | **Form Factor** | Compact Embedded Form Factor (Specific to carrier board standards). | | **Processor Support** | Designed to interface with X86 (Intel/AMD) or ARM-based modules. | | **Revision** | **R2/Q** indicates the second hardware revision with specific quality (Q) certifications. | ### 2. Key Interface & Connectivity Parts The board acts as a bridge between the high-density compute module and external peripherals. * **PCIe Expansion:** Usually features M.2 slots (Key M or Key E) for NVMe SSDs or Wi-Fi/Bluetooth modules. * **Networking:** Includes Integrated Ethernet Controllers (often Intel i210/i211) supporting Gigabit speeds. * **Video Output:** Equipped with HDMI, DisplayPort (DP), or LVDS/eDP connectors for industrial displays. * **Serial Communication:** Integrated UART/RS-232/RS-485 headers for legacy industrial equipment. --- ### 3. Power Management & Protection Industrial boards like the M2CEC-22004-R2/Q prioritize stability: 1. **Voltage Regulators:** High-efficiency DC-DC converters to step down input power (typically 12V-24V) to CPU-level voltages (1.2V, 3.3V, 5V). 2. **ESD Protection:** Transient Voltage Suppressor (TVS) diodes on USB and Ethernet ports to prevent damage from static or power surges. 3. **Solid Capacitors:** Use of polymer solid capacitors for longer lifespan and better heat resistance compared to electrolytic versions. ### 4. Storage and Memory * **SATA Connectors:** For traditional HDD/SSD connection. * **M.2 NVMe:** Support for high-speed PCIe Gen3 or Gen4 storage. * **EEPROM/BIOS:** A dedicated SPI Flash chip for storing firmware and BIOS settings. --- ### 5. Environmental Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Input Voltage** | Wide range DC input (e.g., 9V ~ 36V) | | **MTBF** | High Mean Time Between Failures for 24/7 operation | --- ### Summary of Usage This board is commonly used in **Industrial IoT Gateways**, **Medical Imaging devices**, and **Autonomous Vehicle controllers**. Its "R2" designation implies improved signal integrity and power delivery over the original design.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between R1 and R2 revisions?
    • ⤷ Does this board support ECC memory for industrial reliability?
    • ⤷ Which specific CPU modules are compatible with this carrier board?