データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-22006-R2/Q

  • AI
    The **M2CEC-22006-R2/Q** appears to be a specific revision or part number associated with an **M.2 Carrier or Expansion Card**, often used in industrial computing or specialized server environments. While this specific alphanumeric string typically refers to a proprietary assembly from a manufacturer (often seen in industrial PC brands like Advantech or similar vendors), we can break down its electronic architecture based on the "M2CEC" naming convention. --- ### 1. Architectural Overview This part is generally an **M.2 to PCIe/SATA Carrier Board**. It acts as an interface bridge between an M.2 module (SSD or Wireless card) and a host system. | Component | Description | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor - NGFF) | | **Interface** | Usually supports PCIe Gen 3/4 or SATA 3.0 | | **Keying** | Likely **M-Key** (for NVMe) or **B+M Key** (Universal) | | **Voltage Rails** | Converts system 12V/5V to the 3.3V required by M.2 | --- ### 2. Key Electronic Parts & Subsystems #### A. Power Management (DC-DC Converter) * **Voltage Regulator:** M.2 modules require a steady **3.3V** supply. The board will contain a Step-Down (Buck) regulator or an LDO (Low Dropout Regulator) to handle current spikes from high-performance SSDs. * **Decoupling Capacitors:** Small ceramic capacitors (MLCC) placed near the M.2 slot to filter high-frequency noise and stabilize the power rail. #### B. Signal Integrity Components * **AC Coupling Capacitors:** Necessary for PCIe differential pairs. These are usually 0.1µF capacitors used to remove DC bias from the high-speed data lines. * **Differential Pairs:** The PCB layout uses controlled impedance traces (typically 85Ω or 100Ω) to ensure data signals (TX/RX) don't degrade. #### C. Connectivity & Protection * **Gold Finger Connector:** The interface that plugs into the motherboard/backplane. * **TVS Diodes:** Often included for ESD (Electrostatic Discharge) protection on the data lines to prevent damage during hot-swapping or handling. * **Activity LED:** A small SMD LED and resistor circuit that blinks based on the "DAS/DSS" signal from the M.2 pin 39 (Disk Activity). --- ### 3. Specifications Table | Feature | Likely Specification | | :--- | :--- | | **Revision** | R2 (Second revision, usually improved power delivery) | | **Input Voltage** | 3.3V to 5V DC | | **Max Power Draw** | 10W - 15W (Standard for NVMe) | | **Storage Temperature** | -40°C to 85°C (Industrial Grade) | --- ### 4. Implementation Code (Pinout Mapping Logic) If you were designing a driver or monitoring system for this carrier, you might track the status pins via a GPIO interface: ```python # Pseudo-code for monitoring M.2 Status on a Carrier Board class M2CarrierMonitor: def __init__(self, pin_status): self.presence_pin = pin_status # Pin 67 on M.2 self.activity_pin = 39 # LED Activity def is_module_inserted(self): # Logic to check if the module is grounded/present return read_gpio(self.presence_pin) == 0 def get_status(self): if self.is_module_inserted(): return "Active/Detected" return "Empty" ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout difference between M-key and B-key on this board?
    • ⤷ Does the R2 revision support PCIe Gen 4 speeds?
    • ⤷ Which specific manufacturer produces the M2CEC-22006-R2/Q?