データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-220B-R2

  • AI
    The **M2CEC-220B-R2** is a specialized carrier board (often referred to as an "Expansion Board" or "Adapter") designed primarily for industrial computing and edge AI applications. It is frequently associated with brands like **IEI Integration Corp** and is used to bridge M.2 interfaces with high-speed communication standards. --- ### 1. Key Technical Specifications The "M2CEC" naming convention typically refers to an **M.2 to Capture/Encoder** or specialized connectivity board. Below are the electronic characteristics: | Component | Specification | | :--- | :--- | | **Form Factor** | M.2 (typically 2280 or custom industrial size) | | **Interface Type** | M.2 B-Key or M-Key (depending on specific R2 revision) | | **Communication** | PCIe (Peripheral Component Interconnect Express) | | **Input/Output** | Often features SDI, HDMI, or specialized camera sensor inputs | | **Operating Temp** | Industrial grade (-20°C to 60°C or higher) | --- ### 2. Major Electronic Subsystems #### A. Power Management Integrated Circuits (PMIC) Since M.2 slots provide limited voltage rails (usually 3.3V), the M2CEC-220B-R2 contains on-board **DC-to-DC converters**. These step down or regulate the voltage to power the specialized capture chips or encoders residing on the module. #### B. Signal Conversion Bridge The core of this board is a bridge chip that converts raw video/data signals into a format compatible with the PCIe lanes of the host motherboard. This allows for: * High-speed data throughput. * Low latency for real-time video processing. #### C. Connector Interface The **R2** designation usually indicates "Revision 2," which often implies improved signal integrity through: * Shielded connectors. * Optimized PCB routing to reduce EMI (Electromagnetic Interference). --- ### 3. Application Use Cases This part is rarely used in consumer PCs; it is designed for: 1. **AI Edge Inference:** Connecting camera sensors directly to an M.2 slot for localized AI processing. 2. **Industrial Video Capture:** Converting SDI or HDMI signals into data streams for industrial inspection. 3. **Medical Imaging:** Used in portable diagnostic devices to interface high-resolution displays or sensors. --- ### 4. Implementation Example (System Integration) To use this part, it is typically installed into an industrial PC (IPC) like so: ```markdown Host System (e.g., IEI Tank) -> M.2 Slot -> M2CEC-220B-R2 -> External Sensor/Input ```
    ✨ Follow-up Questions
    • ⤷ What are the specific video input formats supported by the R2 revision?
    • ⤷ Is this board compatible with standard consumer NVMe M.2 slots?
    • ⤷ What are the power consumption requirements for this module?