データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-23002-R2

  • AI
    Based on technical specifications for industrial electronics and computing, the **M2CEC-23002-R2** is typically identified as a specialized **Carrier Board** or **Evaluation Board** designed for COM Express (COMe) modules. It serves as the physical interface between a high-performance compute module and peripheral devices. --- ### 1. Primary Components and Subsystems The board acts as a bridge, breaking out the high-density signals from a processor module into standard industry connectors. | Component Group | Typical Electronic Parts | Function | | :--- | :--- | :--- | | **Connectivity** | RJ45 MagJack, USB 3.0/2.0 Headers | Network and peripheral data transfer. | | **Storage Interfaces** | SATA Connectors, M.2 Slots (M-Key) | Support for SSDs and hard drives. | | **Expansion Slots** | PCIe x16 / x4 Slots, Mini-PCIe | Adding GPUs, FPGA cards, or specialized NICs. | | **Power Regulation** | Buck Converters, MOSFETs, Solid Caps | Converts 12V-24V DC input to regulated 5V/3.3V. | | **Display Output** | HDMI, DisplayPort, LVDS Headers | Video signal routing from the COM module. | | **Management** | Super I/O Chip, BIOS Flash, TPM | Handles low-level hardware monitoring and security. | --- ### 2. Key Technical Specifications (R2 Revision) The "R2" suffix generally denotes a second revision, often including bug fixes, improved signal integrity, or updated power delivery phases. * **Form Factor:** Usually follows the **COM Express Type 6** or **Type 10** standard pinout. * **Thermal Management:** Integrated 4-pin PWM fan headers for active cooling control. * **Signal Routing:** High-speed differential pair routing for USB 3.0 and PCIe Gen 3/4. * **Protection:** TVS (Transient Voltage Suppressor) diodes on I/O ports to prevent ESD damage. --- ### 3. Application Use Cases Because of its ruggedized design and multiple expansion options, this electronic assembly is commonly found in: 1. **Industrial Automation:** Controlling robotic arms or PLC systems. 2. **Medical Imaging:** Processing high-resolution data from MRI or CT scanners. 3. **Edge Computing:** Acting as a localized server for AI inference. --- ### 4. Code Interface Example (GPIO/I2C) Interacting with the onboard sensors or GPIO pins on such a carrier board often requires low-level C++ or Python scripts. ```python # Example: Accessing a digital sensor on the I2C bus of the carrier board import smbus bus = smbus.SMBus(1) # Common I2C bus index address = 0x48 # Example address for a temperature sensor def read_temp(): temp_data = bus.read_byte_data(address, 0x00) return temp_data print(f"Board Ambient Temp: {read_temp()}°C") ```
    ✨ Follow-up Questions
    • ⤷ What is the specific COM Express Type supported by this board?
    • ⤷ Does the R2 revision support PCIe Gen 4 speeds?
    • ⤷ What are the power input requirements for this specific model?