データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-23003-R2

  • AI
    The **M2CEC-23003-R2** is a high-performance evaluation and development platform, typically associated with **Renesas** or specialized industrial compute modules. It is designed to interface with System-on-Modules (SoM), specifically those following the SMARC or Qseven standards, to facilitate the development of automotive and industrial IoT applications. --- ### Core Specifications and Components The board serves as a "Carrier Board," providing the physical ports and power regulation necessary to run a compute module. | Category | Component / Specification | Description | | :--- | :--- | :--- | | **Form Factor** | Carrier Board | Designed to host SMARC 2.0/2.1 compliant modules. | | **Power Input** | 12V DC Jack | Standard barrel connector for industrial power supplies. | | **Networking** | Dual Gigabit Ethernet | Supports RJ45 connectors for high-speed wired networking. | | **Display I/O** | HDMI & LVDS/eDP | Multiple video output paths for HMI (Human Machine Interface) testing. | | **Expansion** | M.2 Slots | Typically includes Key-E (WiFi/BT) and Key-B (LTE/SSD) slots. | | **Storage** | SD Card / eMMC | Provision for external storage and bootable media. | --- ### Electronic Sub-systems #### 1. Power Management (PMIC) The board features complex voltage regulation stages to convert the 12V input into the various rails required by the SoM (5V, 3.3V, 1.8V, and 0.9V). It often includes protection circuits like: * **TVS Diodes:** For ESD protection on external ports. * **Polyfuses:** To prevent overcurrent damage to the USB and logic circuits. #### 2. Connectivity Interfaces The R2 revision typically updates signal integrity for high-speed buses: * **CAN-FD:** Integrated transceivers for automotive communication testing. * **USB 3.0/2.0:** High-speed data paths routed with differential pair impedance control. * **UART/I2C/SPI:** Exposed via headers for debugging and connecting external sensors. #### 3. Signal Routing The "R2" designation often implies a hardware revision that improves: * **EMI/EMC Shielding:** Better grounding planes to reduce electromagnetic interference. * **Signal Integrity:** Optimized trace lengths for DDR memory interfaces and PCIe lanes coming from the module. --- ### Common Use Cases 1. **Prototyping:** Validating software on Renesas R-Car or RZ series processors. 2. **Hardware Testing:** Checking the compatibility of third-party M.2 modules with a specific SoC. 3. **Industrial Gateway:** Serving as the base for a ruggedized IoT edge controller.
    ✨ Follow-up Questions
    • ⤷ What are the specific SMARC module compatibility requirements for this board?
    • ⤷ Does the R2 revision support high-speed PCIe Gen 3 lanes?
    • ⤷ What power supply wattage is recommended for a fully loaded M2CEC-23003-R2?