データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-2300D-R2

  • AI
    The **M2CEC-2300D-R2** is a specialized industrial-grade expansion module, typically designed for communication and storage expansion in rugged computing environments or network appliances. It is often associated with manufacturers like **CASwell** or **Lanner**. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The module serves as a bridge between the host system's PCIe bus and high-speed network or storage interfaces. | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) to Dual Copper/Fiber ports | | **Controller IC** | Intel® I350-AM2 Ethernet Controller (typically) | | **Host Interface** | M.2 M-Key / B-Key (PCIe x2 or x4) | | **Physical Ports** | 2x RJ45 (Copper) or SFP (Fiber) depending on sub-revision | | **Form Factor** | M.2 2280 or custom proprietary carrier | --- ### 2. Major Electronic Subsystems #### A. The Controller (The "Brain") The heart of the module is usually an **Intel Ethernet Controller (e.g., I350 or X550 series)**. * **Function:** Handles the Data Link and Physical layer protocols. * **Features:** Supports IEEE 802.3 standards, VLAN tagging, and Link Aggregation. #### B. Power Management Integrated Circuits (PMIC) Since M.2 slots provide 3.3V, but internal components may require 1.0V or 1.8V: * **Buck Converters:** Step down the voltage for the controller core. * **LDO Regulators:** Provide clean, low-noise power to the analog PHY (Physical Layer) sections to ensure signal integrity. #### C. Magnetics and Isolation For the RJ45 versions: * **Isolation Transformers:** Protect the internal circuitry from high-voltage spikes on the Ethernet cable. * **Common Mode Chokes:** Reduce Electromagnetic Interference (EMI) to meet FCC/CE certifications. #### D. Connectivity (M.2 Gold Fingers) * **Differential Pairs:** High-speed traces for PCIe Rx/Tx signals. * **Clocking:** On-board Crystal Oscillator (usually 25MHz or 125MHz) to provide a stable reference clock for data transmission. --- ### 3. Usage Context This specific part is frequently used in **Network Video Recorders (NVR)** or **Edge AI Gateways** where the motherboard lacks sufficient native LAN ports. The "R2" suffix indicates **Revision 2**, which usually implies improved thermal management or updated firmware compatibility over the original version. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific driver requirements for the M2CEC-2300D-R2 on Linux systems?
    • ⤷ Does this module support Power over Ethernet (PoE) pass-through?
    • ⤷ What is the maximum data throughput per port on this specific revision?