M2CEC-23502-R
AI

The **M2CEC-23502-R** is a specific electronic component typically categorized as a **Board-to-Board (BTB) High-Density Connector**. These parts are frequently used in telecommunications, server infrastructure, and industrial computing to connect high-speed signal modules to a carrier board.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electrical and physical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Mezzanine Connector (Plug/Socket) |
| **Pitch** | 0.5mm to 1.27mm (varies by specific sub-series) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) for high conductivity |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Vertical / Straight |
| **Application** | High-speed differential signaling |
---
### 2. Composition and Materials
The "R" suffix usually denotes **RoHS Compliance** and often indicates that the part is delivered in **Tape and Reel** packaging for automated assembly.
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures.
* **Contacts:** Copper alloy, providing a balance of mechanical spring force and electrical low-resistance.
* **Shielding:** Many versions of this connector include integrated ground planes to reduce EMI (Electromagnetic Interference) and Crosstalk.
---
### 3. Common Applications
These connectors are engineered for environments where space is limited but data throughput requirements are high:
1. **COM Express Modules:** Used to connect Computer-on-Modules to carrier boards.
2. **Blade Servers:** Facilitating the connection between CPU boards and backplanes.
3. **Network Switches:** Handling high-speed data packets between logic boards.
4. **Medical Imaging:** Used in portable ultrasound or MRI processing units where signal integrity is critical.
---
### 4. Implementation Example (Footprint)
When designing a PCB for this part, engineers typically follow this layout logic:
```c
// Example of a Pin-Out Mapping Logic
Pin_1: VCC (Power)
Pin_2: GND (Ground Shield)
Pin_3: TX_P (Differential Transmit Positive)
Pin_4: TX_N (Differential Transmit Negative)
...
Pin_N: Reserved/GPIO
```
---
- ⤷What is the maximum data rate supported by the M2CEC series?
- ⤷ Is there a specific mating height for the 23502-R variant?
- ⤷ Which manufacturers are the primary suppliers for this connector part number?