データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-2350B-R

  • AI
    The **M2CEC-2350B-R** is an industrial-grade M.2 expansion module, specifically an **M.2 to Dual Isolated CANBus 2.0B** module. It is designed to add CANbus communication capabilities to embedded systems, industrial PCs, or IoT gateways via an M.2 slot. --- ### 1. Key Electronic Components & Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 B+M Key (Type 2242) | | **Interface** | PCIe (Internal interface to CAN controller) | | **CAN Controller** | SJA1000 compatible or high-end integrated logic | | **Channels** | 2 Independent CAN Channels | | **Baud Rate** | 5 Kbps to 1 Mbps | | **Isolation** | 2.5kV Optical/Galvanic Isolation | | **Connector** | 2 x 10-pin headers (typically converted to DB9) | --- ### 2. Functional Electronic Blocks #### A. CAN Bus Controller The heart of the module is the CAN controller, which handles the framing, error detection, and message filtering of the CAN 2.0B protocol. It manages the transition between the high-level PCIe bus data and the serial CAN data. #### B. Galvanic Isolation Layer To protect the host computer from high-voltage spikes or ground loops common in industrial environments (like motors or heavy machinery), the M2CEC-2350B-R includes: * **Optocouplers/Digital Isolators:** These break the electrical connection between the M.2 pins and the CAN wiring. * **Isolated DC-DC Converters:** These provide independent power to the CAN-side electronics so that noise does not feed back into the system motherboard. #### C. CAN Transceivers The transceivers convert the digital logic signals from the controller into the differential voltages required for the physical CAN high (CAN_H) and CAN low (CAN_L) lines. #### D. Protection Circuitry (ESD/TVS) Industrial modules like this feature: * **TVS Diodes:** To protect against Transient Voltage Surges. * **ESD Protection:** Usually rated for ±15kV or higher to handle static discharge during installation or operation. --- ### 3. Pinout and Connectivity The module typically uses a small header on the PCB that breaks out into two standard DB9 connectors via a cable assembly. | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | CAN_L | CAN Low Signal | | 2 | CAN_H | CAN High Signal | | 3 | GND | Isolated Ground | | 4 | Termination | Jumper for 120Ω Resistor | --- ### 4. Software Support Because this module is often used in Linux or Windows-based industrial controllers, it supports: * **SocketCAN:** For Linux/Ubuntu environments. * **SDKs:** C++/C# libraries for Windows integration. * **Diagnostic Tools:** Compatible with CANopen or J1939 high-level protocols.
    ✨ Follow-up Questions
    • ⤷ What is the difference between CAN 2.0B and CAN FD in M.2 modules?
    • ⤷ Does this module require external power or does it draw from the M.2 slot?
    • ⤷ How do I enable the 120-ohm termination resistor on this specific hardware?