データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-25003-R2

  • AI
    The **M2CEC-25003-R2** is a high-performance, ruggedized mission computer system, typically manufactured by **Systel**. It is designed for edge computing in harsh environments, such as military, aerospace, and industrial automation. --- ### Core Electronic Specifications The system is built around a "Small Form Factor" (SFF) architecture, emphasizing high compute density and durability. | Component | Technical Details | | :--- | :--- | | **Processor (CPU)** | Usually equipped with Intel® Xeon® or Core™ i7 multi-core processors. | | **Graphics (GPU)** | Integrated support for NVIDIA® Quadro® or Tesla® (GPGPU) for AI/Deep Learning. | | **Memory (RAM)** | Supports high-speed DDR4 ECC (Error Correction Code) memory. | | **Storage** | Dual or Quad internal SATA/NVMe SSD slots, often with encryption. | | **Power Input** | Wide range DC input (typically 12V - 36V) compliant with MIL-STD-1275/704. | --- ### Key Electronic Features #### 1. Ruggedized Connectivity The "R2" revision often signifies specific updates to the I/O board or thermal management. It utilizes **MIL-DTL-38999** circular connectors, which provide: * **EMI/EMC Shielding:** Protecting internal signals from external interference. * **Environmental Sealing:** Water and dust resistance (IP67). #### 2. Thermal Management Since it is a fanless system, the electronics are designed for **conduction cooling**. Heat is transferred from the CPU/GPU through a copper heat spreader directly to the aluminum alloy chassis (ribbed heatsink design). #### 3. Expansion Slots The internal electronics feature high-speed buses for modular expansion: * **Mini-PCIe/M.2:** For GPS, Wi-Fi, or cellular modules. * **PCIe x16 Gen3:** Often used for high-bandwidth sensor capture cards or dedicated GPUs. --- ### Environmental Compliance The electronic components are selected and tested to meet specific military standards: * **MIL-STD-810G:** Shock, vibration, and extreme temperature (-40°C to +71°C). * **MIL-STD-461G:** Requirements for the control of electromagnetic interference. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific GPU options compatible with the M2CEC series?
    • ⤷ How does the power consumption vary under full AI processing load?
    • ⤷ Can the storage modules be configured for RAID 0/1 redundancy?