M2CEC-250D-R
AI

The **M2CEC-250D-R** is a specific electronic component, typically identifying a **D-Sub Hardware/Connector Accessory** or a high-performance **Interconnect Solution** used in industrial and military-grade applications.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The M2CEC series generally refers to high-reliability connector accessories, specifically **Backshells** or **Strain Relief** components designed for D-Subminiature connectors. The "250D" designation often relates to the shell size or entry angle.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Connector Backshell / Hood |
| **Material** | Die-cast Zinc or Aluminum Alloy |
| **Plating** | Nickel or Chromate (High corrosion resistance) |
| **Entry Type** | Top Entry (usually 180 degrees) |
| **Shielding** | EMI/RFI Shielding capabilities |
| **Thread Size** | Typically 4-40 UNC for mounting screws |
---
### 3. Key Electronic Functions
The M2CEC-250D-R serves three primary electronic/mechanical purposes in a circuit assembly:
* **EMI/RFI Protection:** The metallic construction acts as a Faraday cage, preventing electromagnetic interference from affecting the signals passing through the pins and protecting the environment from radiated noise.
* **Strain Relief:** It secures the cable to the connector body, ensuring that mechanical tension (pulling/twisting) does not break the solder joints or crimp connections inside the housing.
* **Grounding Continuity:** When used with shielded cables, the backshell provides a low-impedance path to ground, maintaining the integrity of the shielding across the entire cable assembly.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as MH Connectors or NorComp), the code generally follows this logic:
1. **M2CEC:** Series prefix (Metal/Shielded Cover).
2. **250:** Physical size or cable entry diameter (e.g., for 25-pin D-sub).
3. **D:** Denotes the "D" subminiature compatibility.
4. **R:** Indicates **RoHS Compliance** (Restriction of Hazardous Substances).
---
### 5. Common Applications
* **Industrial Automation:** Connecting PLC units to human-machine interfaces.
* **Telecommunications:** Shielded data transmission lines.
* **Medical Equipment:** Where signal integrity and low noise are critical.
* **Military/Aerospace:** Ruggedized environments requiring durable metal housings.
- ⤷
What are the specific torque requirements for the M2CEC-250D-R mounting screws?
- ⤷ Which D-Sub pin counts (9
- ⤷ 15
- ⤷ 25
- ⤷ 37) are compatible with this specific model?
- ⤷ Does this part number include the internal crimp ferrules for cable grounding?